Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 33Page - Microchip Technology USB3503 Datasheet HTML 34Page - Microchip Technology USB3503 Datasheet HTML 35Page - Microchip Technology USB3503 Datasheet HTML 36Page - Microchip Technology USB3503 Datasheet HTML 37Page - Microchip Technology USB3503 Datasheet HTML 38Page - Microchip Technology USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology USB3503 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 37
USB3503
6.3
I2C Message format
6.3.1
SEQUENTIAL ACCESS WRITES
The I2C interface will support sequential writing of the register address space of the USB3503. This mode is useful for
configuring contiguous blocks of registers. Please see section on SOC interface for address definitions. Figure 6-2
shows the format of the sequential write operation. Where color is visible in the figure, blue indicates signaling from the
I2C master, and gray indicates signaling from the USB3503 slave:
In this operation, following the 7-bit slave address, an 8-bit register address is written indicating the start address for
sequential write operation. Every data access after that is a data write to a data register where the register address incre-
ments after each access and ACK from the slave must occur. Sequential write access is terminated by a Stop condition.
6.3.2
SEQUENTIAL ACCESS READS
The I2C interface will support direct reading of the USB3503 registers. In order to read one or more register addresses,
the starting address must be set by using a write sequence followed by a read. The read register interface supports
auto-increment mode. The master should send a NACK instead of an ACK when the last byte has been transferred.
In this operation, following the 7-bit slave address, 8-bit register address is written indicating the start address for
sequential read operation to be followed. In the read sequence, every data access is a data read from a data register
where the register address increments after each access. Write sequence can end with optional Stop (P). If so the Read
sequence must start with a Start (S) otherwise it must start with Repeated Start (Sr).
Figure 6-3 shows the format of the read operation. Where color is visible in the figure, blue and gold indicate signaling
from the I2C master, and gray indicates signaling from the USB3503 slave.
FIGURE 6-2:
I2C SEQUENTIAL ACCESS WRITE FORMAT
FIGURE 6-3:
SEQUENTIAL ACCESS READ FORMAT
S
7-Bit Slave Address
0
P
A
nnnnnnnn
Data value for
XXXXXX
...
nnnnnnnn
A
Data value for
XXXXXX + y
A
xxxxxxxx
A
Register
Address
(bits 7-0)
S
7 - B i t S l a v e
A ddr es s
0
P
A
xx xx xx xx
A
Re g i s t e r
A d dr es s
( b i t s
7- 0)
O p t i ona l . I f pr es ent , N e x t
ac c e s s
m u s t hav e
S t ar t ( S ) ,
o t he r w i s e
R epe at S t a r t ( S r )
S
7- B i t S l av e A ddr es s
1
n n n n n n n n
P
AC K
AC K
R egi s t er v a l ue
f o r xx xxx xxx
n n n n n n n n
AC K
R egi s t er v a l u e
f o r xx xxx xxx + 1
...
n n n n n n n n
NA C K
I f pr ev i ous w r i t e s e t t i ng up
R e g i s t er addr es s end ed w i t h a
S t o p ( P ) , o t h e r w i s e it w ill b e
R e p eat ed S t a r t ( S r )
R egi s t er v a l ue
f o r xxx xxx xx + y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com