Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 29Page - Microchip Technology USB3503 Datasheet HTML 30Page - Microchip Technology USB3503 Datasheet HTML 31Page - Microchip Technology USB3503 Datasheet HTML 32Page - Microchip Technology USB3503 Datasheet HTML 33Page - Microchip Technology USB3503 Datasheet HTML 34Page - Microchip Technology USB3503 Datasheet HTML 35Page - Microchip Technology USB3503 Datasheet HTML 36Page - Microchip Technology USB3503 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 33
USB3503
5.3.36
REGISTER F8H: BOOST_21 - BST21
Default = 0x00h
5.3.37
REGISTER FAH: PORT SWAP - PRTSP
Default = 0x00h
Bit Number
Bit Name
Description
7
Reserved
Reserved
6:4
BOOST_IOUT_
2
USB electrical signaling drive strength Boost Bit for Downstream Port ‘2’.
Boosts USB High Speed Current.
3’b000: Nominal
3’b001: -5%
3’b010: +10%
3’b011: +5%
3’b100: +20%
3’b101: +15%
3’b110: +30%
3’b111: +25%
3
Reserved
Reserved
2:0
BOOST_IOUT_
1
USB electrical signaling drive strength Boost Bit for Downstream Port ‘1’.
Boosts USB High Speed Current.
3’b000: Nominal
3’b001: -5%
3’b010: +10%
3’b011: +5%
3’b100: +20%
3’b101: +15%
3’b110: +30%
3’b111: +25%
Bit Number
Bit Name
Description
7:0
PRTSP
Port Swap: Swaps the Upstream HSIC and Downstream USB DP and DM Pins
for ease of board routing to devices and connectors.
‘0’ = USB D+ functionality is associated with the DP pin and D- functionality is
associated with the DM pin.
‘1’ = USB D+ functionality is associated with the DM pin and D- functionality is
associated with the DP pin.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 DP/DM Swap.
Bit 2= Port 2 DP/DM Swap.
Bit 1= Port 1 DP/DM Swap.
Bit 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com