Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 24Page - Microchip Technology USB3503 Datasheet HTML 25Page - Microchip Technology USB3503 Datasheet HTML 26Page - Microchip Technology USB3503 Datasheet HTML 27Page - Microchip Technology USB3503 Datasheet HTML 28Page - Microchip Technology USB3503 Datasheet HTML 29Page - Microchip Technology USB3503 Datasheet HTML 30Page - Microchip Technology USB3503 Datasheet HTML 31Page - Microchip Technology USB3503 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
USB3503
DS00001584B-page 28
 2011-2015 Microchip Technology Inc.
5.3.26
REGISTER D0: DOWNSTREAM BATTERY CHARGING ENABLE - BC_EN
Default = 0x00h
5.3.27
REGISTER E5H: PORT POWER STATUS - PRTPWR
Default = 0x00h
Bit Number
Bit Name
Description
7:0
BC_EN
Battery Charging Enable: Enables the battery charging feature for the
corresponding downstream port.
‘0’ = Downstream Battery Charging support is not enabled.
‘1’ = Downstream Battery charging support is enabled
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Battery Charging Enable.
Bit 2= Port 2 Battery Charging Enable.
Bit 1= Port 1 Battery Charging Enable.
Bit 0= Reserved
Bit Number
Bit Name
Description
7:4
Reserved
Reserved.
3:1
PRTPWR[3:1]
Read Only.
Optional status to SOC indicating that power to the downstream port was
enabled by the USB Host for the specified port. Not required for an embedded
application.
This is a read-only status bit. Actual control over port power is implemented by
the USB Host, OCS register and Downstream Battery Charging logic if enabled.
See Section 8.1.2, "Special Behavior of PRTPWR Register," on page 48 for
more information.
0 = USB Host has not enabled port to be powered or in downstream battery
charging and corresponding OCS bit has been set.
1 = USB Host has enabled port to be powered
0
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com