Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 60 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 60 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 56Page - Microchip Technology USB3503 Datasheet HTML 57Page - Microchip Technology USB3503 Datasheet HTML 58Page - Microchip Technology USB3503 Datasheet HTML 59Page - Microchip Technology USB3503 Datasheet HTML 60Page - Microchip Technology USB3503 Datasheet HTML 61Page - Microchip Technology USB3503 Datasheet HTML 62Page - Microchip Technology USB3503 Datasheet HTML 63Page - Microchip Technology USB3503 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
USB3503
DS00001584B-page 60
 2011-2015 Microchip Technology Inc.
FIGURE 11-2:
INTERNAL CHIP-TO-CHIP INTERFACE WITH EMBEDDED HOST PORT
RBIAS
RBIAS
USBDN3_DP
USBDN3_DM
USBDN2_DM
USBDN2_DP
INT_N
HUB_CONNECT
SDA
SCL
REFCLK
VDD_I2C
RPU1
RPU1
USB3503A-1
VSS
VDD33_BYP
VDD_CORE_REG
VDD12_BYP
CVDD12BYP
CVDD33BYP
COUT
COUT
+1.8V
VBAT
VBAT
VDD33_BYP
Connect pins to
either
VDD33_BYP or
GND.
REF_SEL0
REF_SEL1
USBDN1_DM
USBDN1_DP
STROBE
DATA
VDD_INTN
RPU2
RESET_N
Applications
Processor
3G
Baseband
Processor
LTE
Baseband
Processor
PORT_PWR
OCS_N
DP
DM
VBUS
GND
FAULT
EN
+5V
VBUS
Embedded
Host Port
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com