Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 34Page - Microchip Technology USB3503 Datasheet HTML 35Page - Microchip Technology USB3503 Datasheet HTML 36Page - Microchip Technology USB3503 Datasheet HTML 37Page - Microchip Technology USB3503 Datasheet HTML 38Page - Microchip Technology USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology USB3503 Datasheet HTML 41Page - Microchip Technology USB3503 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
USB3503
DS00001584B-page 38
 2011-2015 Microchip Technology Inc.
6.3.3
I2C TIMING
Below is the timing diagram and timing specifications for the different I2C modes that the USB3503 supports.
FIGURE 6-4:
I2C TIMING DIAGRAM
FIGURE 6-5:
I2C TIMING SPECIFICATIONS
Symbol
Parameter
Standard-Mode
Fast-Mode
Fast-Mode Plus
Unit
MIN
MAX
MIN
MAX
MIN
MAX
fSCL
SCL clock
frequency
0
100
0
400
0
1000
KHz
tHD;STA
Hold time
START condition
4
0.6
0.26
μs
tLOW
LOW period of the
SCL clock
4.7
1.3
0.5
μs
tHIGH
HIGH period of the
SCL clock
4
0.6
0.26
μs
tSU;STA
Set-up time for a
repeated START
condition
4.7
0.6
0.26
μs
tHD;DAT
DATA hold time
0
0
0
ns
tSU;DAT
DATA set-up time
250
100
50
ns
t
R
Rise time of both
SDA and SCL
signals
1000
300
120
ns
t
F
Fall time of both
SCL and SDA lines
300
300
120
ns
tSU;STO
Set-up time for a
STOP condition
4
0.6
0.26
μs
tBUF
Bus free time
between a STOP
and START
condition
4.7
1.3
0.5
μs
tHD;STA
tSU;STO
tSU;STA
tSU;DAT
tHIGH
tF
tR
tLOW
tHD;DAT
tHD;STA
tBUF
AB_DATA
AB_CLK
I2C_CLK
I2C_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com