Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology USB3503 Datasheet HTML 41Page - Microchip Technology USB3503 Datasheet HTML 42Page - Microchip Technology USB3503 Datasheet HTML 43Page - Microchip Technology USB3503 Datasheet HTML 44Page - Microchip Technology USB3503 Datasheet HTML 45Page - Microchip Technology USB3503 Datasheet HTML 46Page - Microchip Technology USB3503 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 43
USB3503
7.3.3
INTERFACE DESCRIPTOR (SINGLE-TT)
The following table provides interface descriptor values for High-Speed Single-TT operation.
7.3.4
ENDPOINT DESCRIPTOR (SINGLE-TT)
The following table provides endpoint descriptor values for Single-TT operation.
8
MaxPower
1
user
Maximum Power Consumption of the Hub from VBUS
when fully operational. This value includes all support
circuitry associated with the hub (including an attached
“embedded” peripheral if hub is part of a compound
device), and is in 2mA increments. The Hub supports
Self-Powered and Bus-Powered operation. The
SELF_BUS_PWR bit (CONFIG_BYTE_1) is used to
determine which of the values below are reported. The
value reported to the host must coincide with the current
operating mode, and will be determined by the following
rules.
The value that is reported to the host will be:
‘MAX_PWR_BP’ if SELF_BUS_PWR = ‘0’
‘MAX_PWR_SP’ if SELF_BUS_PWR = ‘1’
In all cases the reported value is sourced from the MAX
POWER data field (for Self or Bus power) that was
loaded by Internal Default, or serial port configuration.
TABLE 7-7:
INTERFACE DESCRIPTOR (HIGH-SPEED, SINGLE-TT)
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
04h
Interface Descriptor Type.
2
InterfaceNumber
1
00h
Number of this interface.
3
AlternateSetting
1
00h
Value used to select this alternate setting for the interface.
4
NumEndpoints
1
01h
Number of endpoints used by this interface (not including
endpoint 0).
5
InterfaceClass
1
09h
Hub class code.
6
InterfaceSubclass
1
00h
Subclass code
7
InterfaceProtocol
1
01h
Single-TT.
8
Interface
1
00h
Index of the string descriptor describing this interface
(strings not supported).
TABLE 7-8:
ENDPOINT DESCRIPTOR (FOR STATUS CHANGE ENDPOINT, SINGLE-TT)
Offset
Field
Size
Value
Description
0
Length
1
07h
Size of this Descriptor.
1
DescriptorType
1
05h
Endpoint Descriptor Type.
2
EndpointAddress
1
81h
The address of the endpoint on the USB device.
3
Attributes
1
03h
Describes the endpoint’s attributes. (interrupt only, no
synchronization, data endpoint).
4
MaxPacketSize
2
0001h
Maximum packet size for this endpoint.
6
Interval
1
0Ch
Interval for polling endpoint for data transfers (Maximum
Possible).
TABLE 7-6:
CONFIGURATION DESCRIPTOR (HIGH-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com