Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 7Page - Microchip Technology USB3503 Datasheet HTML 8Page - Microchip Technology USB3503 Datasheet HTML 9Page - Microchip Technology USB3503 Datasheet HTML 10Page - Microchip Technology USB3503 Datasheet HTML 11Page - Microchip Technology USB3503 Datasheet HTML 12Page - Microchip Technology USB3503 Datasheet HTML 13Page - Microchip Technology USB3503 Datasheet HTML 14Page - Microchip Technology USB3503 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 11
USB3503
Over Current Sense
OCS_N
I
Over Current Sense - Input from external current
monitor indicating an over-current condition on
port 3 or on ganged supply.
Negated High = No over current fault detected
Asserted Low = Over Current Fault Reported
Port Power
PRTPWR
OD
Port Power Control- Enables power to USB
peripheral devices downstream on port 3 or on
ganged supply.
Asserted High = External Device should provide
power for port(s).
Negated Low = External Device should disable
power to port(s).
MISC
Reference Clock Input
REFCLK
I
Reference clock input.
Reference Clock Select
REF_SEL[1:0]
I
The reference select input must be set to
correspond to the frequency applied to the
REFCLK input. The customer should tie these pins
to ground or VDD33_BYP. This input is latched
during HUB.Init stage.
Selects input reference clock frequency per
Table 3-3.
RESET Input
RESET_N
I
This active low signal is used by the system to
reset the chip and hold the chip in low power
STANDBY MODE.
USB Transceiver Bias
RBIAS
A-I/O
A 12.0k
Ω (+/- 1%) resistor is attached from ground
to this pin to set the transceiver’s internal bias
settings.
Hub Connect
HUB_CONNECT
I
Hub will transition to the Hub Communication
Stage when this pin is asserted high. It can be
used in three different ways:
Tied to Ground - Hub will not transition to the Hub
Communication Stage until connect_n bit of the
SP_ILOCK register is negated.
Tied to VDD33_BYP - Hub will automatically
transition to the Hub Communication Stage
regardless of the setting of the connect_n bit and
without pausing for the SOC to reference status
registers.
Transition from low to high - Hub will transition to
the Hub Communication Stage after this pin
transitions from low to high. HUB_CONNECT
should never be driven high when USB3503 is in
Standby Mode.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com