Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 422 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 422 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 418Page - Infineon Technologies AG PEB2256HT Datasheet HTML 419Page - Infineon Technologies AG PEB2256HT Datasheet HTML 420Page - Infineon Technologies AG PEB2256HT Datasheet HTML 421Page - Infineon Technologies AG PEB2256HT Datasheet HTML 422Page - Infineon Technologies AG PEB2256HT Datasheet HTML 423Page - Infineon Technologies AG PEB2256HT Datasheet HTML 424Page - Infineon Technologies AG PEB2256HT Datasheet HTML 425Page - Infineon Technologies AG PEB2256HT Datasheet HTML 426Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
422
2002-08-27
Receive DL-Bit Register 1 (Read)
RDL1(7:0)
Receive DL-Bit
Only valid if F12, F24 or F72 format is enabled.
The received FS/DL-Bits are shifted into this register. RDL10 is
received in frame 1 and RDL17 in frame 15, if F24 format is enabled.
RDL10 is received in frame 26 and RDL17 in frame 40, if F72 format
is enabled.
In F12 format the FS-Bits of a complete multiframe is stored in this
register. RDL10 is received in frame 2 and RDL15 in frame 12.
This register is updated with every receive multiframe begin interrupt
ISR0.RMB.
Receive DL-Bit Register 2 (Read)
RDL2(7:0)
Receive DL-Bit
Only valid if F24 or F72 format is enabled.
The received DL-Bits are shifted into this register. RDL20 is received
in frame 17 and RDL23 in frame 23, if F24 format is enabled. RDL20
is received in frame 42 and RDL27 in frame 56, if F72 format is
enabled.
This register is updated with every receive multiframe begin interrupt
ISR0.RMB.
70
RDL1
RDL17
RDL16
RDL15
RDL14
RDL13
RDL12
RDL11
RDL10
(5C)
70
RDL2
RDL27
RDL26
RDL25
RDL24
RDL23
RDL22
RDL21
RDL20
(5D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com