Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 423 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 423 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 419Page - Infineon Technologies AG PEB2256HT Datasheet HTML 420Page - Infineon Technologies AG PEB2256HT Datasheet HTML 421Page - Infineon Technologies AG PEB2256HT Datasheet HTML 422Page - Infineon Technologies AG PEB2256HT Datasheet HTML 423Page - Infineon Technologies AG PEB2256HT Datasheet HTML 424Page - Infineon Technologies AG PEB2256HT Datasheet HTML 425Page - Infineon Technologies AG PEB2256HT Datasheet HTML 426Page - Infineon Technologies AG PEB2256HT Datasheet HTML 427Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
423
2002-08-27
Receive DL-Bit Register 3 (Read)
RDL3(7:0)
Receive DL-Bit
Only valid if F72 format is enabled.
The received DL-Bits are shifted into this register. RDL30 is received
in frame 58 and RDL37 in frame 72, if F72 format is enabled.
This register is updated with every receive multiframe begin interrupt
ISR0.RMB.
Receive Signaling Pointer 1 (Read)
Value after reset: 00H
RS(8:1)C
Receive Signaling Register RS(8:1) Changed
A one in each bit position indicates that the received signaling data in
the corresponding RS(8:1) registers are updated. Bit RS1C is the
pointer for register RS1, while RS8C points to RS8.
Receive Signaling Pointer 2 (Read)
Value after reset: 00H
RS(12:0)C
Receive Signaling Register RS(12:9) Changed
A one in each bit position indicates that the received signaling data in
the corresponding RS(12:9) registers are updated. Bit RS9C is the
pointer for register RS9, while RS12C points to RS12
70
RDL3
RDL37
RDL36
RDL35
RDL34
RDL33
RDL32
RDL31
RDL30
(5E)
70
RSP1
RS8C
RS7C
RS6C
RS5C
RS4C
RS3C
RS2C
RS1C
(62)
70
RSP2
RS12C
RS11C
RS10C
RS9C
(63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com