Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 421 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 421 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 417Page - Infineon Technologies AG PEB2256HT Datasheet HTML 418Page - Infineon Technologies AG PEB2256HT Datasheet HTML 419Page - Infineon Technologies AG PEB2256HT Datasheet HTML 420Page - Infineon Technologies AG PEB2256HT Datasheet HTML 421Page - Infineon Technologies AG PEB2256HT Datasheet HTML 422Page - Infineon Technologies AG PEB2256HT Datasheet HTML 423Page - Infineon Technologies AG PEB2256HT Datasheet HTML 424Page - Infineon Technologies AG PEB2256HT Datasheet HTML 425Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
421
2002-08-27
COFA Event Counter (Read)
COE(7:2)
Multiframe Counter
If GCR.ECMC = 1 this 6 bit counter increments with each multiframe
period in the asynchronous state FRS0.LFA/LMFA = 1. The error
counter does not roll over.
COE(1:0)
Change of Frame Alignment Counter
If GCR.ECMC = 1 this 2 bit counter increments with each detected
change of frame/multiframe alignment. The error counter does not roll
over.
During alarm simulation, the counter is incremented once per
multiframe.
Clearing and updating the counter is done according to bit
FMR1.ECM.
If this bit is reset the error counter is permanently updated in the
buffer. For correct read access of the event counter bit DEC.DCOEC
has to be set. With the rising edge of this bit updating the buffer is
stopped and the error counter is reset. Bit DEC.DCOEC is
automatically reset with reading the error counter high byte on
address 5B
H. Data read on 5BH is not defined.
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then automatically reset. The latched error
counter state should be read within the next second.
70
COEC
COE7
COE2
COE1
COE0
(5A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com