Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 417 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 417 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 413Page - Infineon Technologies AG PEB2256HT Datasheet HTML 414Page - Infineon Technologies AG PEB2256HT Datasheet HTML 415Page - Infineon Technologies AG PEB2256HT Datasheet HTML 416Page - Infineon Technologies AG PEB2256HT Datasheet HTML 417Page - Infineon Technologies AG PEB2256HT Datasheet HTML 418Page - Infineon Technologies AG PEB2256HT Datasheet HTML 419Page - Infineon Technologies AG PEB2256HT Datasheet HTML 420Page - Infineon Technologies AG PEB2256HT Datasheet HTML 421Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
417
2002-08-27
Code Violation Counter (Read)
CV(15:0)
Code Violations
No function if NRZ or CMI code has been enabled.
If the B8ZS code (bit FMR0.RC(1:0) = 11) is selected, the 16-bit
counter is incremented by detecting violations which are not due to
zero substitution. If FMR2.EXZE is set, additionally excessive zero
strings (more than 7 contiguous zeros) are detected and counted.
If simple AMI coding is enabled (FMR0.RC0/1 = 10) all bipolar
violations are counted. If FMR2.EXZE is set, additionally excessive
zero strings (more than 15 contiguous zeros) are detected and
counted. The error counter does not roll over.
During alarm simulation, the counter is incremented continuously with
every second received bit.
Clearing and updating the counter is done according to bit
FMR1.ECM.
If this bit is reset the error counter is permanently updated in the
buffer. For correct read access of the error counter bit DEC.DCVC
has to be set. With the rising edge of this bit updating the buffer is
stopped and the error counter is reset. Bit DEC.DCVC is
automatically reset with reading the error counter high byte.
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then automatically reset. The latched error
counter state should be read within the next second.
70
CVCL
CV7
CV0
(52)
70
CVCH
CV15
CV8
(53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com