Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 416 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 416 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 412Page - Infineon Technologies AG PEB2256HT Datasheet HTML 413Page - Infineon Technologies AG PEB2256HT Datasheet HTML 414Page - Infineon Technologies AG PEB2256HT Datasheet HTML 415Page - Infineon Technologies AG PEB2256HT Datasheet HTML 416Page - Infineon Technologies AG PEB2256HT Datasheet HTML 417Page - Infineon Technologies AG PEB2256HT Datasheet HTML 418Page - Infineon Technologies AG PEB2256HT Datasheet HTML 419Page - Infineon Technologies AG PEB2256HT Datasheet HTML 420Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
416
2002-08-27
Some of these alarm indications are simulated only if the FALC56 is configured in the
appropriate mode. At simulation steps 0, 3, 4, and 7 pending status flags are reset
automatically and clearing of the error counters and interrupt status registers ISR(5:0)
should be done. Incrementing the simulation counter should not be done at time intervals
shorter than 1.5 ms (F4, F12, F72) or 3 ms (ESF). Otherwise, reactions of initiated
simulations might occur at later steps. Control bit FMR0.SIM has to be held stable at high
or low level for at least one receive clock period before changing it again.
Framing Error Counter (Read)
FE(15:0)
Framing Errors
This 16-bit counter is incremented when incorrect FT and FS-bits in
F4, F12 and F72 format or incorrect FAS-bits in ESF format are
received.
Framing errors are counted during synchronous state only (but even
if multiframe synchronous state is not reached yet). The error counter
does not roll over.
During alarm simulation, the counter is incremented twice.
Clearing and updating the counter is done according to bit
FMR1.ECM.
If this bit is reset the error counter is permanently updated in the
buffer. For correct read access of the error counter bit DEC.DFEC has
to be set. With the rising edge of this bit updating the buffer is stopped
and the error counter is reset. Bit DEC.DFEC is automatically reset
with reading the error counter high byte.
If FMR1.ECM is set every second (interrupt ISR3.SEC) the error
counter is latched and then automatically reset. The latched error
counter state should be read within the next second.
70
FECL
FE7
FE0
(50)
70
FECH
FE15
FE8
(51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com