Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 412 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 412 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 408Page - Infineon Technologies AG PEB2256HT Datasheet HTML 409Page - Infineon Technologies AG PEB2256HT Datasheet HTML 410Page - Infineon Technologies AG PEB2256HT Datasheet HTML 411Page - Infineon Technologies AG PEB2256HT Datasheet HTML 412Page - Infineon Technologies AG PEB2256HT Datasheet HTML 413Page - Infineon Technologies AG PEB2256HT Datasheet HTML 414Page - Infineon Technologies AG PEB2256HT Datasheet HTML 415Page - Infineon Technologies AG PEB2256HT Datasheet HTML 416Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 490 page
background image
FALC56 V1.2
PEB 2256
T1/J1 Registers
Data Sheet
412
2002-08-27
LFA
Loss of Frame Alignment
The flag is set if pulseframe synchronization has been lost. The
conditions are specified by bit FMR4.SSC(1:0). Setting this bit causes
an interrupt (ISR2.LFA).
The flag is cleared when synchronization has been regained.
Additionally interrupt status ISR2.FAR is set with clearing this bit.
RRA
Receive Remote Alarm (Yellow Alarm)
The flag is set after detecting remote alarm (yellow alarm). Conditions
for setting/resetting are defined by bit RC0.RRAM.
With the rising edge of this bit an interrupt status bit ISR2.RA is set.
With the falling edge of this bit an interrupt status bit ISR2.RAR is set.
The bit is set during alarm simulation and reset if FRS2.ESC = 0, 3,
4,5,7 and no alarm condition exists.
LMFA
Loss Of Multiframe Alignment
Set in F12 or F72 format when 2 out of 4 (or 5 or 6) multiframe
alignment patterns are incorrect.
Additionally the interrupt status bit ISR2.LMFA is set.
Cleared after multiframe synchronization has been regained. With the
falling edge of this bit an interrupt status bit ISR2.MFAR is generated.
FSRF
Frame Search Restart Flag
Toggles when no framing candidate (pulse framing or multiframing) is
found and a new frame search is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com