Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 455 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 455 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 451Page - Infineon Technologies AG PEB2256HT Datasheet HTML 452Page - Infineon Technologies AG PEB2256HT Datasheet HTML 453Page - Infineon Technologies AG PEB2256HT Datasheet HTML 454Page - Infineon Technologies AG PEB2256HT Datasheet HTML 455Page - Infineon Technologies AG PEB2256HT Datasheet HTML 456Page - Infineon Technologies AG PEB2256HT Datasheet HTML 457Page - Infineon Technologies AG PEB2256HT Datasheet HTML 458Page - Infineon Technologies AG PEB2256HT Datasheet HTML 459Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
455
2002-08-27
Table 73
Intel Bus Interface Timing Parameter Values
No.
Parameter
Limit Values
Unit
min.
max.
1
Address, BHE setup time
5
ns
2
Address, BHE hold time
0
ns
3CS setup time
0
ns
3A
CS hold time
0
ns
4
Address, BHE stable before ALE inactive
20
ns
5
Address, BHE hold after ALE inactive
10
ns
6
ALE pulse width
30
ns
7
ALE setup time before command active
0
ns
7A
ALE to command inactive delay
30
ns
8RD, WR pulse width
80
ns
9RD, WR control interval
70
ns
10
Data valid after RD active
75
ns
11
Data hold after RD inactive
10
30
ns
15
Data stable before WR inactive
30
ns
16
Data hold after WR inactive
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com