Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 457 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 457 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 453Page - Infineon Technologies AG PEB2256HT Datasheet HTML 454Page - Infineon Technologies AG PEB2256HT Datasheet HTML 455Page - Infineon Technologies AG PEB2256HT Datasheet HTML 456Page - Infineon Technologies AG PEB2256HT Datasheet HTML 457Page - Infineon Technologies AG PEB2256HT Datasheet HTML 458Page - Infineon Technologies AG PEB2256HT Datasheet HTML 459Page - Infineon Technologies AG PEB2256HT Datasheet HTML 460Page - Infineon Technologies AG PEB2256HT Datasheet HTML 461Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
457
2002-08-27
Table 74
Motorola Bus Interface Timing Parameter Values
No.
Parameter
Limit Values
Unit
min.
max.
17
Address, BLE setup time before DS active
15
ns
18
Address, BLE hold after DS inactive
0
ns
19
CS active before DS active
0
ns
19A
CS hold after DS inactive
0
ns
20
RW stable before DS active
10
ns
21
RW hold after DS inactive
0
ns
22
DS pulse width (read access)
80
ns
22A
DS pulse width (write access)
70
ns
23
DS control interval
70
ns
24
Data valid after DS active (read access)
75
ns
25
Data hold after DS inactive (read access)
10
30
ns
26
Data stable before DS active (write access)
30
ns
27
Data hold after DS inactive (write access)
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com