Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 459 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 459 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 455Page - Infineon Technologies AG PEB2256HT Datasheet HTML 456Page - Infineon Technologies AG PEB2256HT Datasheet HTML 457Page - Infineon Technologies AG PEB2256HT Datasheet HTML 458Page - Infineon Technologies AG PEB2256HT Datasheet HTML 459Page - Infineon Technologies AG PEB2256HT Datasheet HTML 460Page - Infineon Technologies AG PEB2256HT Datasheet HTML 461Page - Infineon Technologies AG PEB2256HT Datasheet HTML 462Page - Infineon Technologies AG PEB2256HT Datasheet HTML 463Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
459
2002-08-27
Table 75
Digital Line Interface Parameter Values
No.
Parameter
Limit Values
Unit
E1
T1
min.
typ.
max.
min.
typ.
max.
30
RCLKI clock period
488
648
ns
30A
RDIP/RDIN period high
122
244
366
162
324
486
ns
31
RCLKI clock period low
180
240
ns
32
RCLKI clock period high
180
240
ns
33
ROID setup
50
50
ns
34
ROID hold
50
50
ns
35
XCLK clock period
488
648
ns
36
XCLK clock period low
XCLK clock period low
1)
190
150
230
200
ns
37
XCLK clock period high
XCLK clock period high
1)
1)
depends on input RCLKI in optical interface and remote loop without transmit jitter attenuator enabled
(LIM1.JATT/RL=01)
190
150
230
200
ns
38
XOID delay
2)
XDOP/XDON delay
3)
2)
NRZ coding
3)
HDB3/AMI/B8ZS coding
60
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com