Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 456 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 456 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 452Page - Infineon Technologies AG PEB2256HT Datasheet HTML 453Page - Infineon Technologies AG PEB2256HT Datasheet HTML 454Page - Infineon Technologies AG PEB2256HT Datasheet HTML 455Page - Infineon Technologies AG PEB2256HT Datasheet HTML 456Page - Infineon Technologies AG PEB2256HT Datasheet HTML 457Page - Infineon Technologies AG PEB2256HT Datasheet HTML 458Page - Infineon Technologies AG PEB2256HT Datasheet HTML 459Page - Infineon Technologies AG PEB2256HT Datasheet HTML 460Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 490 page
background image
FALC56 V1.2
PEB 2256
Electrical Characteristics
Data Sheet
456
2002-08-27
11.4.4.2
Motorola Bus Interface Mode
Figure 88
Motorola Read Cycle Timing
Figure 89
Motorola Write Cycle Timing
F0122
CS
Ax, BLE
17
DS
RW
Dx
18
22
19
19A
20
21
23
24
25
DS
...
D0
(D15
D7...
D8)
26
RW
CS
Ax
BLE
20
19
17
22A
27
ITT10974
21
19A
18
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com