Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 35 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 31Page - Semtech Corporation GS1671 Datasheet HTML 32Page - Semtech Corporation GS1671 Datasheet HTML 33Page - Semtech Corporation GS1671 Datasheet HTML 34Page - Semtech Corporation GS1671 Datasheet HTML 35Page - Semtech Corporation GS1671 Datasheet HTML 36Page - Semtech Corporation GS1671 Datasheet HTML 37Page - Semtech Corporation GS1671 Datasheet HTML 38Page - Semtech Corporation GS1671 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
35 of 130
4.8.2 Parallel Output in SMPTE Mode
When the device is operating in SMPTE mode (SMPTE_BYPASS = HIGH and DVB_ASI =
LOW), data is output in either Multiplexed or Demultiplexed form depending on the
setting of the 20bit/10bit pin.
When operating in 20-bit mode (20bit/10bit = HIGH), the output data is demultiplexed
Luma and Chroma data for SD and HD data rates.
When operating in 10-bit mode (20bit/10bit = LOW), the output data is multiplexed
Luma and Chroma data for SD and HD data rates. In this mode, the data is presented on
the DOUT[19:10] pins, with DOUT[9:0] being forced LOW.
4.8.3 Parallel Output in DVB-ASI Mode
In DVB-ASI mode, the 20bit/10bit pin must be set LOW to configure the output parallel
bus for 10-bit operation.
DVB-ASI mode is enabled when the AUTO/MAN bit is LOW, SMPTE_BYPASS pin is LOW
and the DVB_ASI pin is HIGH.
The extracted 8-bit data is presented on DOUT[17:10] such that DOUT[17:10] = HOUT ~
AOUT, where AOUT is the least significant bit of the decoded transport stream data.
In addition, the DOUT19 and DOUT18 pins are configured as DVB-ASI status signals
WORDERR and SYNCOUT respectively.
SYNCOUT is HIGH whenever a K28.5 sync character is output from the device.
WORDERR is HIGH whenever the device has detected a running disparity error or
illegal code word.
10-bit multiplexed
HD format
LOW
LOW
HIGH
LOW
Driven LOW
Luma/Chroma
10-bit data output
HD format
LOW
LOW
LOW
LOW
Driven LOW
DATA
10-bit multiplexed
SD format
LOW
HIGHHIGH
LOW
Driven LOW
Luma/Chroma
10-bit data output
SD format
LOW
HIGH
LOW
LOW
Driven LOW
DATA
DVB-ASI format
LOW
HIGH
−
HIGH
DOUT19 = WORD_ERR
DOUT18 = SYNC_OUT
DOUT17 = H_OUT
DOUT16 = G_OUT
DOUT15 = F_OUT
DOUT14 = E_OUT
DOUT13 = D_OUT
DOUT12 = C_OUT
DOUT11 = B_OUT
DOUT10 = A_OUT
NOTE: When in Auto Mode, swap RATE_SEL with RATE_DET.
Table 4-5: GS1671 Output Video Data Format Selections (Continued)
Output Data
Format
Pin/Register Bit Settings
DOUT[9:0]
DOUT[19:10]
20BIT
/10BIT
RATE_
SEL
SMPTE_
BYPASS
DVB-ASI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com