Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 53 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 49Page - Semtech Corporation GS1671 Datasheet HTML 50Page - Semtech Corporation GS1671 Datasheet HTML 51Page - Semtech Corporation GS1671 Datasheet HTML 52Page - Semtech Corporation GS1671 Datasheet HTML 53Page - Semtech Corporation GS1671 Datasheet HTML 54Page - Semtech Corporation GS1671 Datasheet HTML 55Page - Semtech Corporation GS1671 Datasheet HTML 56Page - Semtech Corporation GS1671 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
53 of 130
Error conditions are indicated by a VIDEO _ERROR signal and an AUDIO_ERROR signal,
which are available for output on the multifunction I/O output pins. The two signals are
also combined into a summary DATA_ERROR signal, which is also available on the
multifunction I/O pins. These signals are normally HIGH, but are set LOW by the device
when an error condition has been detected.
These signals are a logical 'NOR' of the appropriate error status flags stored in the
ERROR_STAT_X register, which are gated by the bit settings in the ERROR_MASK
registers. When an error status bit is HIGH and the corresponding error mask bit is LOW,
the corresponding DATA_ERROR signal is set LOW by the device.
The ERROR_STAT_X registers, and correspondingly the DATA_ERROR, VIDEO_ERROR,
and AUDIO_ERROR signals, are cleared at the start of the next video field or when read
via the host interface, which ever condition occurs first. Note that any AUDIO_ERROR
condition will cause DATA_ERROR to assert. Use the SD_AUDIO_ERROR_MASK and
HD_AUDIO_ERROR_MASK registers if masking these events is desired.
All bits of the ERROR_STAT_X registers are also cleared under any of the following
conditions:
1. LOCKED signal = LOW.
2. SMPTE_BYPASS = LOW.
3. When a change in video standard has been detected.
4. RESET_TRST = LOW
Table 4-13 shows the ERROR_STAT_X register and ERROR_MASK_X register.
NOTE: Since the error indication registers are cleared once per field, if an external host
micro is polling the error registers periodically, an error flag may be missed if it is
intermittent, and the polling frequency is less than the field rate.
NOTE: See Section 4.18 for Audio Error Status.
Table 4-13: Error Status Register and Error Mask Register
Video Error Status Register
Video Error Mask Register
SAV_ERR (02h, 03h)
SAV_ERR_MASK (037h, 038h)
EAV_ERR (02h, 03h)
EAV_ERR_MASK (037h, 038h)
YCRC_ERR (02h, 03h)
YCRC_ERR_MASK (037h, 038h)
CCRC_ERR (02h, 03h)
CCRC_ERR_MASK (037h, 038h)
LNUM_ERR (02h, 03h)
LNUM_ERR_MASK (037h, 038h)
YCS_ERR (02h, 03h)
YCS_ERR_MASK (037h, 038h)
CCS_ERR (02h, 03h)
CCS_ERR_MASK (037h, 038h)
AP_CRC_ERR (02h)
AP_CRC_ERR_MASK (037h)
FF_CRC_ERR (02h)
FF_CRC_ERR_MASK (037h)
VD_STD_ERR (02h, 03h)
VD_STD_ERR_MASK (037h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com