Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 31 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 27Page - Semtech Corporation GS1671 Datasheet HTML 28Page - Semtech Corporation GS1671 Datasheet HTML 29Page - Semtech Corporation GS1671 Datasheet HTML 30Page - Semtech Corporation GS1671 Datasheet HTML 31Page - Semtech Corporation GS1671 Datasheet HTML 32Page - Semtech Corporation GS1671 Datasheet HTML 33Page - Semtech Corporation GS1671 Datasheet HTML 34Page - Semtech Corporation GS1671 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
31 of 130
4.6 Lock Detect
The LOCKED output signal is available by default on the STAT3 output pin, but may be
programmed to be output through any one of the six programmable multi-functional
pins of the device; STAT[5:0].
The LOCKED output signal is set HIGH by the Lock Detect block under the following
conditions:
NOTE 1: The part will lock to ASI in Auto mode, but could falsely unlock for some ASI
input patterns.
NOTE 2: In Standby mode, the reclocker PLL unlocks. However, the LOCKED signal
retains whatever state it previously held. So, if before Standby assertion, the LOCKED
signal is HIGH, then during standby, it remains HIGH regardless of the status of the PLL.
4.6.1 Asynchronous Lock
The lock detection algorithm is a continuous process, beginning at device power-up or
after a system reset. It continues until the device is powered down or held in reset.
The device first determines if a valid serial digital input signal has been presented to the
device. If no valid serial data stream has been detected, the serial data into the device is
considered invalid, and the LOCKED signal is LOW.
XTAL1 to XOUT Prop. Delay
(High to Low)
1.3
1.5
2.3
ns
3
XTAL1 to XOUT Prop. Delay
(Low to High)
1.3
1.6
2.3
ns
3
NOTES:
Valid when the cell is used to buffer an external clock source which is connected to the XTAL1 pin, then nothing should be
connected to the XTAL2 pin.
Table 4-3: Input Clock Requirements (Continued)
Parameter
Min
Typ
Max
UOM
Notes
Table 4-4: Lock Detect Conditions
Mode of Operation
Mode Setting
Condition for Locked
Data-Through Mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
Reclocker PLL is locked.
SMPTE Mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Reclocker PLL is locked
2 consecutive TRS words are detected
in a 2-line window.
DVB_ASI Mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
Bit AUTO/MAN = LOW
Reclocker PLL is locked
32 consecutive DVB_ASI words with
no errors are detected within a
128-word window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com