Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 27 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 23Page - Semtech Corporation GS1671 Datasheet HTML 24Page - Semtech Corporation GS1671 Datasheet HTML 25Page - Semtech Corporation GS1671 Datasheet HTML 26Page - Semtech Corporation GS1671 Datasheet HTML 27Page - Semtech Corporation GS1671 Datasheet HTML 28Page - Semtech Corporation GS1671 Datasheet HTML 29Page - Semtech Corporation GS1671 Datasheet HTML 30Page - Semtech Corporation GS1671 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
27 of 130
serial digital formats. 16, 20 and 24-bit audio formats are supported at 48kHz
synchronous for SD modes and 48kHz synchronous or asynchronous in HD mode.
Additional audio processing features include group selection, channel swapping, ECC
error detection and correction (HD mode only), and audio channel status extraction.
Audio clock and control signals provided by the device include Word Clock (fs), Serial
Clock (64fs), and Audio Master Clock at user-selectable rates of 128fs, 256fs or 512fs.
4.2 Serial Digital Input
The GS1671 can accept serial digital inputs compliant with SMPTE 292 and SMPTE
259M-C.
4.2.1 Integrated Adaptive Cable Equalizer
The GS1671 integrates Gennum's adaptive cable equalizer technology.
The integrated adaptive equalizer can equalize HD and SD serial digital signals, and will
typically equalize 230m of Belden 1694A cable at 1.485Gb/s and 440m at 270Mb/s.The
integrated adaptive equalizer is powered from a single +3.3V power supply and
consumes approximately 195mW of power.
The equalizer can be bypassed by programming register 073h through the GSPI
interface.
4.2.1.1 Serial Digital Inputs
The Serial Data Signal may be connected to the input pins (SDI/SDI) in either a
differential or single ended configuration. AC coupling of the inputs is recommended, as
the SDI and SDI inputs are internally biased at approximately 1.8V.
4.2.1.2 Cable Equalization
The input signal passes through a variable gain equalizing stage whose frequency
response closely matches the inverse of the cable loss characteristic. In addition, the
variation of the frequency response with control voltage imitates the variation of the
inverse cable loss characteristic with cable length.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an internal and
an external AGC filter capacitor providing a steady control voltage for the gain stage. As
the frequency response of the gain stage is automatically varied by the application of
negative feedback, the edge energy of the equalized signal is kept at a constant level
which is representative of the original edge energy at the transmitter. The equalized
signal is also DC restored, effectively restoring the logic threshold of the equalized signal
to its correct level independent of shifts due to AC-coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com