Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 5Page - Semtech Corporation GS1671 Datasheet HTML 6Page - Semtech Corporation GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation GS1671 Datasheet HTML 10Page - Semtech Corporation GS1671 Datasheet HTML 11Page - Semtech Corporation GS1671 Datasheet HTML 12Page - Semtech Corporation GS1671 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
9 of 130
A5, A6, B5,
B6, C5, C6
STAT[0:5]
Output
MULTI-FUNCTIONAL OUTPUT PORT.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Each of the STAT [0:5] pins can be configured individually to output
one of the following signals:
Signal
H/HSYNC
V/VSYNC
F/DE
LOCKED
Y/1ANC
C/2ANC
DATA ERROR
VIDEO ERROR
AUDIO ERROR
EDH DETECTED
CARRIER DETECT
RATE_DET
Default
STAT0
STAT1
STAT2
STAT3
STAT4
−
STAT5
−
−
−
−
−
A7, D10,
G10, K7
IO_VDD
Input Power
POWER connection for digital I/O. Connect to 3.3V or 1.8V DC
digital.
A8
PCLK
Output
PARALLEL DATA BUS CLOCK
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
HD 10-bit modePCLK @ 148.5 or 148.5/1.001MHz
HD 20-bit modePCLK @ 74.25 or 74.25/1.001MHz
SD 10-bit modePCLK @ 27MHz
SD 20-bit modePCLK @ 13.5MHz
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com