Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 80 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 76Page - Semtech Corporation GS1671 Datasheet HTML 77Page - Semtech Corporation GS1671 Datasheet HTML 78Page - Semtech Corporation GS1671 Datasheet HTML 79Page - Semtech Corporation GS1671 Datasheet HTML 80Page - Semtech Corporation GS1671 Datasheet HTML 81Page - Semtech Corporation GS1671 Datasheet HTML 82Page - Semtech Corporation GS1671 Datasheet HTML 83Page - Semtech Corporation GS1671 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
80 of 130
4.19.3 GSPI Timing
Write and Read Mode timing for the GSPI interface;
Figure 4-41: Write Mode
Figure 4-42: Read Mode
Figure 4-43: GSPI Time Delay
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK _TCLK
CS _TMS
SDIN _TDI
SDOUT _TDO
t0
t3
t1
t2
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
t
8
t4
t
7
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
D15D14
D13D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK _TCLK
CS _ TMS
SDIN_TDI
SDOUT _TDO
t5
R/W
RSV
RSV
Auto
_Inc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
t6
SDIN_TDI
data_0
SDIN_TDI to SDOUT_TDO combinational path for daisy chain connection of multiple GS1671.
SDOUT_TDO
data_0
TDELAY
Table 4-26: GSPI Time Delay
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Delay time
tDELAY
50% levels;
1.8V operation
−−
13.1
ns
Delay time
tDELAY
50% levels;
3.3V operation
−−
9.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com