Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 3Page - Semtech Corporation GS1671 Datasheet HTML 4Page - Semtech Corporation GS1671 Datasheet HTML 5Page - Semtech Corporation GS1671 Datasheet HTML 6Page - Semtech Corporation GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation GS1671 Datasheet HTML 10Page - Semtech Corporation GS1671 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
7 of 130
Figure 4-43: GSPI Time Delay .................................................................................................................... 80
Figure 4-44: In-Circuit JTAG ....................................................................................................................122
Figure 4-45: System JTAG .........................................................................................................................122
Figure 4-46: Reset Pulse .............................................................................................................................123
Figure 7-1: Pb-free Solder Reflow Profile ............................................................................................129
List of Tables
Table 1-1: Pin Descriptions ............................................................................................................................ 8
Table 2-1: Absolute Maximum Ratings................................................................................................... 16
Table 2-2: Recommended Operating Conditions................................................................................ 16
Table 2-3: DC Electrical Characteristics ................................................................................................. 17
Table 2-4: AC Electrical Characteristics ................................................................................................. 19
Table 4-1: Serial Digital Output................................................................................................................. 28
Table 4-2: PLL Loop Bandwidth ................................................................................................................ 29
Table 4-3: Input Clock Requirements...................................................................................................... 30
Table 4-4: Lock Detect Conditions............................................................................................................ 31
Table 4-5: GS1671 Output Video Data Format Selections................................................................ 34
Table 4-6: GS1671 PCLK Output Rates ................................................................................................... 36
Table 4-7: Switch Line Position for Digital Systems ........................................................................... 39
Table 4-8: Output Signals Available on Programmable Multi-Function Pins............................ 40
Table 4-9: Supported CEA-861 Formats................................................................................................. 43
Table 4-10: CEA861 Timing Formats....................................................................................................... 43
Table 4-11: Supported Video Standard Codes ..................................................................................... 48
Table 4-12: Data Format Register Codes ................................................................................................ 50
Table 4-13: Error Status Register and Error Mask Register.............................................................. 53
Table 4-14: IOPROC_DISABLE Register Bits......................................................................................... 59
Table 4-15: Serial Audio Pin Descriptions ............................................................................................. 65
Table 4-16: Audio Output Formats........................................................................................................... 67
Table 4-17: Audio Data Packet Detect Register ................................................................................... 69
Table 4-18: Audio Group DID Host Interface Settings....................................................................... 70
Table 4-19: Audio Data and Control Packet DID Setting Register................................................. 70
Table 4-20: Audio Buffer Pointer Offset Settings ................................................................................ 74
Table 4-21: Audio Channel Mapping Codes ......................................................................................... 74
Table 4-22: Audio Sample Word Lengths .............................................................................................. 75
Table 4-23: Audio Channel Status Information Registers ................................................................ 76
Table 4-24: Audio Channel Status Block for Regenerate Mode Default Settings ..................... 76
Table 4-25: Audio Mute Control Bits ....................................................................................................... 77
Table 4-26: GSPI Time Delay...................................................................................................................... 80
Table 4-27: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 81
Table 4-28: Video Core Configuration and Status Registers............................................................ 82
Table 4-29: SD Audio Core Configuration and Status Registers..................................................... 91
Table 4-30: HD Audio Core Configuration and Status Registers.................................................. 106
Table 4-31: ANC Extraction FIFO Access Registers.......................................................................... 121
Table 7-1: Packaging Data......................................................................................................................... 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com