Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 87 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 87 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 83Page - Semtech Corporation GS1671 Datasheet HTML 84Page - Semtech Corporation GS1671 Datasheet HTML 85Page - Semtech Corporation GS1671 Datasheet HTML 86Page - Semtech Corporation GS1671 Datasheet HTML 87Page - Semtech Corporation GS1671 Datasheet HTML 88Page - Semtech Corporation GS1671 Datasheet HTML 89Page - Semtech Corporation GS1671 Datasheet HTML 90Page - Semtech Corporation GS1671 Datasheet HTML 91Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
87 of 130
00Dh -
00Eh
RSVD
RSVD
15-0
Reserved.
R
0
00Fh
ANC_TYPE_1_AP
1
ANC_TYPE1_DS1
15-0
Programmable DID/SDID pair #1 to
extract from HD and SD input
formats ([15:8] = DID, [7:0] =SDID).
R/W
0
010h
ANC_TYPE_2_AP
1
ANC_TYPE2_DS1
15-0
Programmable DID/SDID pair #2 to
extract from HD and SD input
formats ([15:8] = DID, [7:0] =SDID).
R/W
0
011h
ANC_TYPE_3
_AP1
ANC_TYPE3_DS1
15-0
Programmable DID/SDID pair #3 to
extract from HD and SD input
formats ([15:8] = DID, [7:0] =SDID).
R/W
0
012h
ANC_TYPE_4
_AP1
ANC_TYPE4_DS1
15-0
Programmable DID/SDID pair #4 to
extract from HD and SD input
formats ([15:8] = DID, [7:0] =SDID).
R/W
0
013h
ANC_TYPE_5
_AP1
ANC_TYPE5_DS1
15-0
Programmable DID/SDID pair #5 to
extract from HD and SD input
formats ([15:8] = DID, [7:0] =SDID).
R/W
0
014h -
018h
RSVD
RSVD
15-0
Reserved.
R/W
N/A
019h
VIDEO_FORMAT
_352_A_1
VIDEO_FORMAT_2_DS1
15-8
SMPTE 352M embedded packet –
byte 2.
R0
VIDEO_FORMAT_1_DS17-0
SMPTE 352M embedded packet –
byte 1: [7]: Version identifier [6:0]:
Video Payload Identifier.
R0
01Ah
VIDEO_FORMAT
_352_B_1
VIDEO_FORMAT_4_DS1
15-8
SMPTE 352M embedded packet –
byte 4.
R0
VIDEO_FORMAT_3_DS17-0
SMPTE 352M embedded packet –
byte 3.
R0
01Bh -
01Eh
RSVD
RSVD
15-0
Reserved.
R/W
N/A
01Fh
RASTER_STRUC_
1
RSVD
15-14
Reserved.
R
0
WORDS_PER_ACTLINE
13-0
Words Per Active Line.
R
0
020h
RASTER_STRUC_
2
RSVD
15-14
Reserved.
R
0
WORDS_PER_LINE
13-0
Total Words Per Line.
R
0
021h
RASTER_STRUC_
3
RSVD
15-11
Reserved.
R
0
LINES_PER_FRAME
10-0
Total Lines Per Frame.
R
0
Table 4-28: Video Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com