Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 82 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 82 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 78Page - Semtech Corporation GS1671 Datasheet HTML 79Page - Semtech Corporation GS1671 Datasheet HTML 80Page - Semtech Corporation GS1671 Datasheet HTML 81Page - Semtech Corporation GS1671 Datasheet HTML 82Page - Semtech Corporation GS1671 Datasheet HTML 83Page - Semtech Corporation GS1671 Datasheet HTML 84Page - Semtech Corporation GS1671 Datasheet HTML 85Page - Semtech Corporation GS1671 Datasheet HTML 86Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
82 of 130
4.20 Host Interface Register Maps
NOTE: The GS1671 only accepts write/read commands to/from the Audio Register
Maps when the audio core is locked to the incoming video data rate. The Video Register
Map is always active, whether valid serial input data is present or not.
4.20.1 Video Core Registers
Table 4-28: Video Core Configuration and Status Registers
Address
Register Name
Bit Name
Bit
Description
R/W
Default
000h
IOPROC_1
RSVD
15
Reserved.
R
0
TRS_WORD_REMAP_DS1
_DISABLE
14
Disables 8-bit TRS word remapping
for HD and SD inputs.
R/W
0
RSVD
13
Reserved.
R/W
0
EDH_FLAG_UPDATE
_MASK
12
Disables updating of EDH error
flags.
R/W
0
EDH_CRC_INS_MASK11
Disables EDH_CRC error correction
and insertion.
R/W
0
H_CONFIG
10
Selects the H blanking indication:
0: Active line blanking - the H
output is HIGH for all the
horizontal blanking period,
including the EAV and SAV TRS
words.
1: TRS based blanking - the H
output is set HIGH for the entire
horizontal blanking period as
indicated by the H bit in the
received TRS signals.
This signal is only valid when
TIM_861 is set to '0' (via pin or host
interface).
R/W
0
ANC_DATA_EXT_MASK9
Disables ancillary data extraction
FIFO.
R/W
0
AUD_EXT_MASK8
Disables audio extraction block.
R/W
0
TIM_861_PIN_DISABLE
7
Disable TIM_861 pin control when
set to '1', and use TIMING_861 bit
instead.
R/W
0
TIMING_861
6Selects the output timing reference
format: 0 = Digital FVH timing
output; 1 = CEA-861 timing output.
R/W
0
RSVD
5
Reserved.
R/W
0
ILLEGAL_WORD_REMAP
_DS1_MASK
4Disables illegal word remapping
for HD and SD inputs.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com