Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 6Page - Semtech Corporation GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation GS1671 Datasheet HTML 10Page - Semtech Corporation GS1671 Datasheet HTML 11Page - Semtech Corporation GS1671 Datasheet HTML 12Page - Semtech Corporation GS1671 Datasheet HTML 13Page - Semtech Corporation GS1671 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
10 of 130
A9, A10, B8,
B9, B10,C8,
C9, C10, E9,
E10
DOUT18, 17, 19,
16, 15, 12, 14, 13,
10, 11
Output
PARALLEL DATA BUS
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
20-bit mode
20bit/10bit = HIGH
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Luma data output for SD and HD data
rates
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
Not defined
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
10-bit mode
20bit/10bit = LOW
SMPTE mode (SMPTE_BYPASS = HIGH
and DVB_ASI = LOW):
Multiplexed Luma/Chroma data output
for SD and HD data rates
DVB-ASI mode (SMPTE_BYPASS = LOW
and DVB_ASI = HIGH):
8b/10b decoded DVB-ASI data
Data-Through mode (SMPTE_BYPASS =
LOW and DVB_ASI = LOW):
Data output
B1
A_VDD
Input Power
POWER pin for analog circuitry. Connect to 3.3V DC analog.
B2, C3, C4
PLL_VDD
Input Power
POWER pins for the Reclocker PLL. Connect to 1.2V DC analog.
B3, F2
RSV
These pins must be left unconnected.
B4
VCO_GND
Input Power
GND pin for the VCO. Connect to analog GND.
B7, D9, G9,
J7
IO_GND
Input Power
GND connection for digital I/O. Connect to digital GND.
C1, D1
SDI, SDI
Analog Input
Serial Digital Differential Input.
C2, D2, D3,
E3, F3, G2
A_GND
Input Power
GND pins for sensitive analog circuitry. Connect to analog GND.
C7RESET_TRST
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to reset the internal operating conditions to default settings
and to reset the JTAG sequence.
Normal mode (JTAG/HOST = LOW):
When LOW, all functional blocks are set to default conditions and
all digital output signals become high impedance.
When HIGH, normal operation of the device resumes.
JTAG test mode (JTAG/HOST = HIGH):
When LOW, all functional blocks are set to default and the JTAG test
sequence is reset.
When HIGH, normal operation of the JTAG test sequence resumes
after RESET_TRST is de-asserted.
D4, E4, F4
PLL_GND
Input Power
GND pins for the Reclocker PLL. Connect to analog GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com