Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 42 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 42 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 38Page - Semtech Corporation GS1671 Datasheet HTML 39Page - Semtech Corporation GS1671 Datasheet HTML 40Page - Semtech Corporation GS1671 Datasheet HTML 41Page - Semtech Corporation GS1671 Datasheet HTML 42Page - Semtech Corporation GS1671 Datasheet HTML 43Page - Semtech Corporation GS1671 Datasheet HTML 44Page - Semtech Corporation GS1671 Datasheet HTML 45Page - Semtech Corporation GS1671 Datasheet HTML 46Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
42 of 130
Figure 4-8: H:V:F Output Timing - HD 20-bit Output Mode
Figure 4-9: H:V:F Output Timing - HD 10-bit Output Mode
Figure 4-10: H:V:F Output Timing - SD 20-bit Output Mode
Figure 4-11: H:V:F Output Timing - SD 10-bit Output Mode
4.11.1 CEA-861 Timing Generation
The GS1671 is capable of generating CEA 861 timing instead of SMPTE HVF timing for
all of the supported video formats.
This mode is selected when the TIM_861 pin is HIGH.
Horizontal sync (HSYNC), Vertical sync (VSYNC), and Data Enable (DE) timing are
output on the STAT[2:0] pins by default.
Table 4-9 shows the CEA-861 formats supported by the GS1671:
P C LK
L U M A D A T A IN P U T
C HR OM A DA T A IN P U T
H
X Y Z (EAV)
000
00 0
3F F
000
00 0
3F F
V
F
000
00 0
3FF
000
00 0
3FF
X Y Z (EAV)
X Y Z (SAV)
X Y Z (SAV)
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H
HV F T IM IN G AT S AV
000
00 0
3FF
3F F
00 0
000
P C LK
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
HV F T IM IN G AT EAV
P C LK
00 0
000
3FF
3F F
X Y Z (EAV)
000
00 0
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
X Y Z (EAV)
XY Z (SAV) X Y Z (SAV)
P C LK
C H R O M A D A T A IN PU T
LU M A D A T A IN P U T
H
000
3F F
X Y Z (EAV)
000
V
F
000
3FF
00 0
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H
X Y Z (SAV)
M U L T IP L E XE D Y'Cb C r D A T A INPUT
P C LK
H
V
F
X Y Z (EAV)
00 0
00 0
3F F
00 0
00 0
3F F
X Y Z (SAV)
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com