Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 68Page - Semtech Corporation GS1671 Datasheet HTML 69Page - Semtech Corporation GS1671 Datasheet HTML 70Page - Semtech Corporation GS1671 Datasheet HTML 71Page - Semtech Corporation GS1671 Datasheet HTML 72Page - Semtech Corporation GS1671 Datasheet HTML 73Page - Semtech Corporation GS1671 Datasheet HTML 74Page - Semtech Corporation GS1671 Datasheet HTML 75Page - Semtech Corporation GS1671 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
72 of 130
If the IGNORE_PHASE bit in the host interface is HIGH, the clock will free-run based on
the video format, the PCLK and the M value, independent of the NO_PHASEA_DATA bit.
In the 720p/24 video format, the total line length is 4125 pixels, which requires a
resolution of 13 bits for the audio clock phase words in the embedded audio data
packets. SMPTE 299M only specifies a maximum of 12 bits resolution. Proposed changes
to SMPTE 299M suggest using bit 5 of UDW1 (currently reserved and set to zero) in the
audio data packet as the MSB (ck13) for the audio clock phase data, providing 13 bits
resolution.
Some audio encoders may hold the clock phase value at a maximum value when
reached, until reset at the end of the line. This produces a small amount of audio phase
jitter for the period of one sample.
To overcome this issue, the audio de-embedder checks for all cases. On detection of the
maximum value, a comparison is made between previous clock phases and the correct
position interpolated. If the clock phase data value starts to decrease, the de-embedder
checks to see if bit 5 (ck13) of UDW1 in the audio data packet is set. If ck13 is set, the
correct value is used. If ck13 is not set, the correct position is interpolated.
4.18.3.2 Detect 5-Frame Sequence Block
5-frame sequence detection is required for 525-line based video formats only. The audio
de-embedder checks the Audio Frame Number sequence in the audio control packets,
when present. If the audio frame sequence is running (repeated 1 to 5 count), the audio
de-embedder uses this information to determine the 5-frame sequence. If the audio
control packet is not present, or the Audio Frame Number words are set to 200h, the
audio de-embedder detects the 5-frame sequence by counting the number of samples
per frame. Figure 4-35 shows the number of samples per frame over a 5-frame
sequence.
Figure 4-35: Sample Distribution over 5 Video Frames (525-line Systems)
When the audio inputs are asynchronously switched or disrupted, the audio
de-embedder continues to write audio samples into the audio buffer, based on the
current 5-frame sequence. The de-embedder then re-locks to the new 5-frame
sequence, at which point a sample may be lost.
NOTE: In SD, all four channel pairs must follow the same 5-frame sequence.
Frame1
1
e
m
a
r
F
5
e
m
a
r
F
4
e
m
a
r
F
3
e
m
a
r
F
2
e
m
a
r
F
5
e
m
a
r
F
1602
2
0
6
1
2
0
6
1
2
0
6
1
2
0
6
1
1601
1601
8008 Samples
1602Repeat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com