Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 59 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 59 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 55Page - Semtech Corporation GS1671 Datasheet HTML 56Page - Semtech Corporation GS1671 Datasheet HTML 57Page - Semtech Corporation GS1671 Datasheet HTML 58Page - Semtech Corporation GS1671 Datasheet HTML 59Page - Semtech Corporation GS1671 Datasheet HTML 60Page - Semtech Corporation GS1671 Datasheet HTML 61Page - Semtech Corporation GS1671 Datasheet HTML 62Page - Semtech Corporation GS1671 Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
59 of 130
By default (at power up or after system reset), all of the IOPROC_DISABLE register bits
are LOW, enabling all of the processing features.
To disable an individual processing feature, set the corresponding IOPROC_DISABLE bit
HIGH in the IOPROC_DISABLE register.
4.17.1 TRS Correction & Insertion
When TRS Error Correction and Insertion is enabled, the GS1671 generates and
overwrites TRS code words as required.
TRS Word Generation and Insertion is performed using the timing generated by the
Timing Signal Generator, providing an element of noise immunity over using just the
received TRS information.
This feature is enabled when the IOPROC_EN/DIS pin is HIGH and the
TRS_INS_DISABLE bit in the IOPROC_DISABLE register is set LOW.
NOTE: Inserted TRS code words are always 10-bit compliant, irrespective of the bit
depth of the incoming video stream.
4.17.2 Line Based CRC Correction & Insertion
When CRC Error Correction and Insertion is enabled, the GS1671 generates and inserts
line based CRC words into both the Y and C channels of the data stream.
Line based CRC word generation and insertion only occurs in HD mode, and is enabled
in when the IOPROC_EN/DIS pin is HIGH and the CRC_INS_DSX_MASK bit in the
IOPROC_X register is set LOW.
Table 4-14: IOPROC_DISABLE Register Bits
Processing Feature
IOPROC_DISABLE Register Bit
TRS error correction and insertion
TRS_INS
Y and C line based CRC error correction
CRC_INS
Y and C line number error correction
LNUM_INS
Ancillary data check sum correction
ANC_CHECKSUM_INSERTION
EDH CRC error correction
EDH_CRC_INS
Illegal code re-mapping
ILLEGAL_WORD_REMAP
H timing signal configuration
H_CONFIG
Update EDH Flags
EDH_FLAG_UPDATE_MASK
Audio Data Extraction
AUDIO_SEL
Ancillary Data Extraction
ANC_DATA_EXT
Audio Extraction
AUD_EXT
Regeneration of 352M packets
REGEN_352M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com