Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 77 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 77 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 73Page - Semtech Corporation GS1671 Datasheet HTML 74Page - Semtech Corporation GS1671 Datasheet HTML 75Page - Semtech Corporation GS1671 Datasheet HTML 76Page - Semtech Corporation GS1671 Datasheet HTML 77Page - Semtech Corporation GS1671 Datasheet HTML 78Page - Semtech Corporation GS1671 Datasheet HTML 79Page - Semtech Corporation GS1671 Datasheet HTML 80Page - Semtech Corporation GS1671 Datasheet HTML 81Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
77 of 130
4.18.3.7 Audio Mute
When the MUTE bits in the host interface are set HIGH, the audio outputs are muted (all
audio sample bits are set to zero). To set all the audio output channels to mute, set the
host interface MUTE_ALL bit HIGH.
Mute On Loss Of Lock
When the GS1671 loses lock (LOCKED signal is LOW), the audio de-embedder sets all
audio outputs LOW (no audio formatting is performed). The ACLK, WCLK and AMCLK
outputs are also forced LOW.
4.18.4 Error Reporting
4.18.4.1 Data Block Number Error
When the 1-255 count sequence in the Data Block Number (DBN) word of Group A audio
data packets is discontinuous, the DBNA_ERR bit in the host interface (DBN_ERR
register for SD, ACS_DET register for HD) is set HIGH. When the 1-255 count sequence
in the DBN word of Group B audio data packets is discontinuous, the DBNB_ERR bit in
the host interface (DBN_ERR register for SD, ACS_DET register for HD) register is set
HIGH.
4.18.4.2 ECC Error
The GS1671 monitors the ECC error status of the two selected audio groups, as described
in Section 4.18.2.6 on page 70.
The ECC[N]_ERROR flags also have associated SD_AUDIO_ERROR_MASK and
HD_AUDIO_ERROR_MASK register flags for configuration of error reporting in the
Receiver. The ECC[N]_ERROR flags remain set until read via the host interface.
Table 4-25: Audio Mute Control Bits
Name
Description
Default
MUTE_ALL
Ch1-8 audio mute enable (1: Enabled)0
MUTE8
Ch8 audio mute enable (1: Enabled)0
MUTE7
Ch7 audio mute enable (1: Enabled)0
MUTE6Ch6 audio mute enable (1: Enabled)0
MUTE5
Ch5 audio mute enable (1: Enabled)0
MUTE4
Ch4 audio mute enable (1: Enabled)0
MUTE3
Ch3 audio mute enable (1: Enabled)0
MUTE2
Ch2 audio mute enable (1: Enabled)0
MUTE1
Ch1 audio mute enable (1: Enabled)0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com