Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 78 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 78 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 74Page - Semtech Corporation GS1671 Datasheet HTML 75Page - Semtech Corporation GS1671 Datasheet HTML 76Page - Semtech Corporation GS1671 Datasheet HTML 77Page - Semtech Corporation GS1671 Datasheet HTML 78Page - Semtech Corporation GS1671 Datasheet HTML 79Page - Semtech Corporation GS1671 Datasheet HTML 80Page - Semtech Corporation GS1671 Datasheet HTML 81Page - Semtech Corporation GS1671 Datasheet HTML 82Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
78 of 130
4.19 GSPI - HOST Interface
The GSPI, or Gennum Serial Peripheral Interface, is a 4-wire interface provided to allow
the system to access additional status and control information through configuration
registers in the GS1671.
The GSPI is comprised of a Serial Data Input signal (SDIN), Serial Data Output signal
(SDOUT), an active low Chip Select (CS), and a Burst Clock (SCLK).
Because these pins are shared with the JTAG interface port, an additional control signal
pin JTAG/HOST is provided.
When JTAG/HOST is LOW, the GSPI interface is enabled. When JTAG/HOST is HIGH, the
JTAG interface is enabled.
When operating in GSPI mode, the SCLK, SDIN, and CS signals must be provided by the
system. The SDOUT pin is a non-clocked loop-through of SDIN and may be connected to
the SDIN of another device, allowing multiple devices to be connected to the GSPI chain.
See Section 4.19.2 for details. The interface is illustrated in the Figure 4-38 below.
Figure 4-38: GSPI Application Interface Connection
All read or write access to the GS1671 is initiated and terminated by the system host
processor. Each access always begins with a Command/Address Word, followed by a
data write to, or data read from, the GS1671.
4.19.1 Command Word Description
The Command Word consists of a 16-bit word transmitted MSB first and contains a
read/write bit, an Auto-Increment bit and a 12-bit address.
Figure 4-39: Command Word Format
Command Words are clocked into the GS1671 on the rising edge of the Serial Clock
SCLK, which operates in a burst fashion. The chip select (CS) signal must be set low a
Application Host
SCLK
SCLK
SCLK
CS1
SDOUT
SDIN
SDOUT
SDOUT
CS
SDIN
SDIN
CS2
GS1671
GS1671
CS
R/W
RSV
RSV
AutoInc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com