Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 37 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 37 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 33Page - Semtech Corporation GS1671 Datasheet HTML 34Page - Semtech Corporation GS1671 Datasheet HTML 35Page - Semtech Corporation GS1671 Datasheet HTML 36Page - Semtech Corporation GS1671 Datasheet HTML 37Page - Semtech Corporation GS1671 Datasheet HTML 38Page - Semtech Corporation GS1671 Datasheet HTML 39Page - Semtech Corporation GS1671 Datasheet HTML 40Page - Semtech Corporation GS1671 Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
37 of 130
4.9 Timing Signal Generator
The GS1671 has an internal timing signal generator which is used to generate digital
FVH timing reference signals, to detect and correct certain error conditions and
automatic video standard detection.
The timing signal generator is only operational in SMPTE mode (SMPTE_BYPASS =
HIGH).
The timing signal generator consists of a number of counters and comparators operating
at video pixel and video line rates. These counters maintain information about the total
line length, active line length, total number of lines per field/frame and total active lines
per field/frame for the received video standard.
It takes one video frame to obtain full synchronization to the received video standard.
NOTE: Both 8-bit and 10-bit TRS words are identified by the device. Once
synchronization has been achieved, the timing signal generator continues to monitor
the received TRS timing information to maintain synchronization.
The timing signal generator re-synchronizes all pixel and line based counters on every
received TRS ID. Note that for correct operation of the timing signal generator, the
SW_EN input pin must be set LOW, unless manual synchronous switching is enabled
(Section 4.9.1).
4.9.1 Manual Switch Line Lock Handling
The principle of switch line lock handling is that the switching of synchronous video
sources will only disturb the horizontal timing and alignment, whereas the vertical
timing remains in synchronization - i.e. switching between video sources of the same
format.
To account for the horizontal disturbance caused by a synchronous switch, the word
alignment block and timing signal generator automatically re-synchronizes to the new
timing immediately if the synchronous switch happens during the designated switch
line, as defined in SMPTE recommended practice RP168-2002.
The device samples the SW_EN pin on every PCLK cycle. When a Logic LOW to HIGH
transition on this pin is detected anywhere within the active line, the word alignment
block and timing signal generator re-synchronize immediately to the next TRS word.
This allows the system to force immediate lock on any line, if the switch point is
non-standard.
To ensure proper switch line lock handling, the SW_EN signal should be asserted HIGH
anywhere within the active portion of the line on which the switch has taken place, and
should be held HIGH for approximately one video line. After this time period, SW_EN
should be de-asserted. SW_EN should be held LOW during normal device operation.
NOTE: It is the rising edge of the SW_EN signal, which generates the switch line lock
re-synchronization. This edge must be in the active portion of the line containing the
video switch point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com