Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 98 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 94Page - Semtech Corporation GS1671 Datasheet HTML 95Page - Semtech Corporation GS1671 Datasheet HTML 96Page - Semtech Corporation GS1671 Datasheet HTML 97Page - Semtech Corporation GS1671 Datasheet HTML 98Page - Semtech Corporation GS1671 Datasheet HTML 99Page - Semtech Corporation GS1671 Datasheet HTML 100Page - Semtech Corporation GS1671 Datasheet HTML 101Page - Semtech Corporation GS1671 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
98 of 130
420h
AFNA12
RSVD
15-9
Reserved.
R/W
0
AFN1_2A
8-0
Primary group audio frame
number for channels 1 and 2.
R0
421h
AFNA34
RSVD
15-9
Reserved.
R/W
0
AFN3_4A
8-0
Primary group audio frame
number for channels 3 and 4.
R0
422h
RATEA
RSVD
15-8
Reserved.
R/W
0
RATE3_4A
7-5
Primary group sampling frequency
for channels 3 and 4
R0
ASX3_4A
4
Primary group asynchronous mode
for channels 3 and 4.
R0
RATE1_2A
3-1
Primary group sampling frequency
for channels 1 and 2.
R0
ASX1_2A
0
Primary group asynchronous mode
for channels 1 and 2.
R0
423h
ACT_A
RSVD
15-4
Reserved.
R/W
0
ACTA
3-0
Primary group active channels.
R
0
424h
PRIM_AUD_
DELAY_1
RSVD
15-9
Reserved.
R/W
0
DEL1A_1
8-1
Primary Audio group delay data
for channel 1.
R0
EBIT1A
0
Primary Audio group delay data
valid flag for channel 1.
R0
425h
PRIM_AUD_
DELAY_2
RSVD
15-9
Reserved.
R/W
0
DEL1A_2
8-0
Primary Audio group delay data
for channel 1.
R0
426h
PRIM_AUD_
DELAY_3
RSVD
15-9
Reserved.
R/W
0
DEL1A_3
8-0
Primary Audio group delay data
for channel 1.
R0
427h
PRIM_AUD_
DELAY_4
RSVD
15-9
Reserved.
R/W
0
DEL2A_4
8-1
Primary Audio group delay data
for channel 2.
R0
EBIT2A
0
Primary Audio group delay data
valid flag for channel 2.
R0
428h
PRIM_AUD_
DELAY_5
RSVD
15-9
Reserved.
R/W
0
DEL2A_5
8-0
Primary Audio group delay data
for channel 2.
R0
429h
PRIM_AUD_
DELAY_6
RSVD
15-9
Reserved.
R/W
0
DEL2A_6
8-0
Primary Audio group delay data
for channel 2.
R0
Table 4-29: SD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com