Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation GS1671 Datasheet HTML 10Page - Semtech Corporation GS1671 Datasheet HTML 11Page - Semtech Corporation GS1671 Datasheet HTML 12Page - Semtech Corporation GS1671 Datasheet HTML 13Page - Semtech Corporation GS1671 Datasheet HTML 14Page - Semtech Corporation GS1671 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
11 of 130
D5, E5, F5,
G4, G5
CORE_GND
Input Power
GND connection for device core. Connect to digital GND.
D6, E6, F6,
G6
CORE_VDD
Input Power
POWER connection for device core. Connect to 1.2V DC digital.
D7
SW_EN
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable switch-line locking, as described in Section 4.9.1.
D8
JTAG/HOST
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select JTAG test mode or host interface mode.
When JTAG/HOST is HIGH, the host interface port is configured for
JTAG test.
When JTAG/HOST is LOW, normal operation of the host interface
port resumes.
E1
EQ_VDD
Input Power
POWER pin for SDI buffer. Connect to 3.3V DC analog.
E2
EQ_GND
Input Power
GND pin for SDI buffer. Connect to analog GND.
E7
SDOUT_TDO
Output
COMMUNICATION SIGNAL OUTPUT
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data output/test data out.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test
results from the device.
In host interface mode, this pin is used to read status and
configuration data from the device.
Note:
GSPI is slightly different than the SPI. For more details on GSPI,
please refer to 4.19 GSPI - HOST Interface.
E8
SDIN_TDI
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data in/test data in.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test data
into the device.
In host interface mode, this pin is used to write address and
configuration data words into the device.
F1, G1AGCP, AGCNAutomatic Gain Control for the equalizer. Attach the AGC capacitor
between these pins.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com