Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 16 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 12Page - Semtech Corporation GS1671 Datasheet HTML 13Page - Semtech Corporation GS1671 Datasheet HTML 14Page - Semtech Corporation GS1671 Datasheet HTML 15Page - Semtech Corporation GS1671 Datasheet HTML 16Page - Semtech Corporation GS1671 Datasheet HTML 17Page - Semtech Corporation GS1671 Datasheet HTML 18Page - Semtech Corporation GS1671 Datasheet HTML 19Page - Semtech Corporation GS1671 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
16 of 130
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 Recommended Operating Conditions
Table 2-1: Absolute Maximum Ratings
Parameter
Value/Units
Supply Voltage, Digital Core (CORE_VDD)
-0.3V to +1.5V
Supply Voltage, Digital I/O (IO_VDD)
-0.3V to +4.0V
Supply Voltage, Analog 1.2V (PD_VDD, VCO_VDD)
-0.3V to +1.5V
Supply Voltage, Analog 3.3V (EQ_VDD, BUFF_VDD,
A_VDD)
-0.3V to +4.0V
Input Voltage Range (digital inputs)
-2.0V to +5.25V
Ambient Operating Temperature (TA)
-40°C < TA < 95°C
Storage Temperature (TSTG)
-40°C < TSTG < 125°C
Peak Reflow Temperature (JEDEC J-STD-020C)260°C
ESD Sensitivity, HBM (JESD22-A114)
2kV
NOTES:
Absolute Maximum Ratings are those values beyond which damage may occur. Functional
operation under these conditions or at any other condition beyond those indicated in the
AC/DC Electrical Characteristics sections is not implied.
Table 2-2: Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Operating Temperature Range,
Ambient
TA
–-20
−
85
°C
−
Supply Voltage, Digital Core
CORE_VDD
–
1.14
1.2
1.26
V
−
Supply Voltage, Digital I/O
IO_VDD
1.8V mode
1.71
1.8
1.89
V
−
3.3V mode
3.13
3.3
3.47
V
−
Supply Voltage, PLL
PLL_VDD
–
1.14
1.2
1.26
V–
Supply Voltage, VCOVCO_VDD
–
−
0.7
−
V1
Supply Voltage, Analog
A_VDD
–
3.13
3.3
3.47
V
2
Supply Voltage, Serial Digital Input
EQ_VDD
–
3.13
3.3
3.47
V
2
Supply Voltage, CD Buffer
BUFF_VDD
–
3.13
3.3
3.47
V
2
NOTES
1. This is 0.7V rather than 1.2V because there is a voltage drop across an external 105
Ω resistor. See Typical Application Circuit on page 125.
2. The 3.3V supplies must track the 3.3V supply of an external CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com