Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 2Page - Semtech Corporation GS1671 Datasheet HTML 3Page - Semtech Corporation GS1671 Datasheet HTML 4Page - Semtech Corporation GS1671 Datasheet HTML 5Page - Semtech Corporation GS1671 Datasheet HTML 6Page - Semtech Corporation GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation GS1671 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
6 of 130
List of Figures
Figure 3-1: Digital Input Pin with Schmitt Trigger............................................................................... 23
Figure 3-2: Bidirectional Digital Input/Output Pin..............................................................................23
Figure 3-3: Bidirectional Digital Input/Output Pin with programmable drive strength......... 24
Figure 3-4: XTAL1/XTAL2/XTAL-OUT ................................................................................................... 24
Figure 3-5: VBG .............................................................................................................................................. 24
Figure 3-6: LB_CONT .................................................................................................................................... 25
Figure 3-7: Loop Filter .................................................................................................................................. 25
Figure 3-8: SDO/SDO .................................................................................................................................... 25
Figure 3-9: Equalizer Input Equivalent Circuit .................................................................................... 25
Figure 4-1: GS1671 Integrated EQ Block Diagram ............................................................................. 28
Figure 4-2: 27MHz Clock Sources ............................................................................................................ 30
Figure 4-3: PCLK to Data and Control Signal Output Timing - SDR Mode 1 .............................. 33
Figure 4-4: PCLK to Data and Control Signal Output Timing - SDR Mode 2 .............................. 34
Figure 4-5: Switch Line Locking on a Non-Standard Switch Line ................................................. 38
Figure 4-6: H:V:F Output Timing - HDTV 20-bit Mode ..................................................................... 41
Figure 4-7: H:V:F Output Timing - HDTV 10-bit Mode ..................................................................... 41
Figure 4-8: H:V:F Output Timing - HD 20-bit Output Mode ............................................................ 42
Figure 4-9: H:V:F Output Timing - HD 10-bit Output Mode ............................................................ 42
Figure 4-10: H:V:F Output Timing - SD 20-bit Output Mode .......................................................... 42
Figure 4-11: H:V:F Output Timing - SD 10-bit Output Mode .......................................................... 42
Figure 4-12: H:V:DE Output Timing 1280 x 720p @ 59.94/60 (Format 4) ................................... 44
Figure 4-13: H:V:DE Output Timing 1920 x 1080i @ 59.94/60 (Format 5) ................................. 44
Figure 4-14: H:V:DE Output Timing 720 (1440) x 480i @ 59.94/60 (Format 6&7) .................... 45
Figure 4-15: H:V:DE Output Timing 1280 x 720p @ 50 (Format 19) ............................................. 45
Figure 4-16: H:V:DE Output Timing 1920 x 1080i @ 50 (Format 20) ........................................... 46
Figure 4-17: H:V:DE Output Timing 720 (1440) x 576 @ 50 (Format 21 & 22) ........................... 46
Figure 4-18: H:V:DE Output Timing 1920 x 1080p @ 23.94/24 (Format 32) .............................. 47
Figure 4-19: H:V:DE Output Timing 1920 x 1080p @ 25 (Format 33) .......................................... 47
Figure 4-20: H:V:DE Output Timing 1920 x 1080p @ 29.97/30 (Format 34) .............................. 48
Figure 4-21: Y/1ANC and C/2ANC Signal Timing .............................................................................. 56
Figure 4-22: Ancillary Data Extraction - Step A .................................................................................. 62
Figure 4-23: Ancillary Data Extraction - Step B ................................................................................... 63
Figure 4-24: Ancillary Data Extraction - Step C .................................................................................. 63
Figure 4-25: Ancillary Data Extraction - Step D .................................................................................. 64
Figure 4-26: ACLK to Data Signal Output Timing ............................................................................... 66
Figure 4-27: I2S Audio Output Format .................................................................................................... 67
Figure 4-28: AES/EBU Audio Output Format .......................................................................................67
Figure 4-29: Serial Audio, Left Justified, MSB First ............................................................................. 68
Figure 4-30: Serial Audio, Left Justified, LSB First .............................................................................. 68
Figure 4-31: Serial Audio, Right Justified, MSB First ..........................................................................68
Figure 4-32: Serial Audio, Right Justified, LSB First ........................................................................... 68
Figure 4-33: AES/EBU Audio Output to Bit Clock Timing ................................................................ 68
Figure 4-34: ECC 24-bit Array and Examples ...................................................................................... 71
Figure 4-35: Sample Distribution over 5 Video Frames (525-line Systems) ............................... 72
Figure 4-36: Audio Buffer After Initial 26 Sample Write .................................................................. 73
Figure 4-37: Audio Buffer Pointer Boundary Checking .................................................................... 73
Figure 4-38: GSPI Application Interface Connection ........................................................................ 78
Figure 4-39: Command Word Format ..................................................................................................... 78
Figure 4-40: Data Word Format ................................................................................................................ 79
Figure 4-41: Write Mode .............................................................................................................................. 80
Figure 4-42: Read Mode ............................................................................................................................... 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com