Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 84 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 84 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 80Page - Semtech Corporation GS1671 Datasheet HTML 81Page - Semtech Corporation GS1671 Datasheet HTML 82Page - Semtech Corporation GS1671 Datasheet HTML 83Page - Semtech Corporation GS1671 Datasheet HTML 84Page - Semtech Corporation GS1671 Datasheet HTML 85Page - Semtech Corporation GS1671 Datasheet HTML 86Page - Semtech Corporation GS1671 Datasheet HTML 87Page - Semtech Corporation GS1671 Datasheet HTML 88Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
84 of 130
004h
EDH_FLAG_IN
EDH_DETECT15
Embedded EDH packet detected.R
0
ANC_UES_IN
14
Ancillary data – unknown error
status flag.
R0
ANC_IDA_IN
13
Ancillary data – internal error
detected already flag.
R0
ANC_IDH_IN
12
Ancillary data – internal error
detected here flag
R0
ANC_EDA_IN
11
Ancillary data – error detected
already flag.
R0
ANC_EDH_IN
10
Ancillary data – error detected
here flag.
R0
FF_UES_IN
9
EDH Full Field – unknown error
status flag.
R0
FF_IDA_IN
8
EDH Full Field – internal error
detected already flag.
R0
FF_IDH_IN
7
EDH Full Field – internal error
detected here flag.
R0
FF_EDA_IN
6
EDH Full Field – error detected
already flag.
R0
FF_EDH_IN
5
EDH Full Field – error detected here
flag.
R0
AP_UES_IN
4
EDH Active Picture – unknown
error status flag.
R0
AP_IDA_IN
3
EDH Active Picture – internal error
detected already flag.
R0
AP_IDH_IN
2
EDH Active Picture – internal error
detected here flag.
R0
AP_EDA_IN
1
EDH Active Picture – error detected
already flag.
R0
AP_EDH_IN
0
EDH Active Picture – error detected
here flag.
R0
Table 4-28: Video Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com