Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 65 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 65 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 61Page - Semtech Corporation GS1671 Datasheet HTML 62Page - Semtech Corporation GS1671 Datasheet HTML 63Page - Semtech Corporation GS1671 Datasheet HTML 64Page - Semtech Corporation GS1671 Datasheet HTML 65Page - Semtech Corporation GS1671 Datasheet HTML 66Page - Semtech Corporation GS1671 Datasheet HTML 67Page - Semtech Corporation GS1671 Datasheet HTML 68Page - Semtech Corporation GS1671 Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
65 of 130
NOTE 1: After the ancillary data determined by the ANC_TYPE_X_APX registers has
been deleted, other existing ancillary data may not be contiguous. The device does not
concatenate the remaining ancillary data.
NOTE 2: Reading extracted ancillary data from the host interface must be performed
while there is a valid video signal present at the serial input and the device is locked
(LOCKED signal is HIGH).
4.18 Audio De-embedder
The GS1671 includes an integrated audio de-embedder which is enabled by default in
SMPTE mode. It can be disabled by setting the AUDIO_EN/DIS pin LOW, or by setting the
host interface AUD_EXT_MASK bit to HIGH, or by keeping IOPROC_EN/DIS pin LOW.
In non-SMPTE modes, the audio de-embedder is not active.
Up to eight channels of audio may be extracted from the received serial digital video
stream. The output signal formats supported by the device include AES/EBU, I2S
(default) and industry standard serial digital formats.
16, 20 and 24-bit audio bit depths are supported for 48kHz synchronous audio for SD
data rates. For HD data rate, 16, 20 and 24-bit audio bit depths are supported for 48kHz
audio. The audio may be synchronous or asynchronous to the video.
Additional audio processing features include audio mute on loss of lock, de-embed and
delete, group selection, audio output re-mapping, ECC error detection and correction
(HD mode only), and audio channel status extraction.
4.18.1 Serial Audio Data I/O Signals
The Serial Audio Data I/O pins are listed in Table 4-15: Serial Audio Pin Descriptions.
Table 4-15: Serial Audio Pin Descriptions
Audio
Pin Name
Description
AUDIO_EN/DIS
Enable Input for Audio Processing
AOUT_1/2
Serial Audio output; Channels 1 and 2
AOUT_3/4
Serial Audio output; Channels 3 and 4
AOUT_5/6Serial Audio Output; Channels 5 and 6
AOUT_7/8
Serial Audio Output; Channels 7 and 8
ACLK
64fs clock
WCLK
Word clock
AMCLK
Audio Master Clock, selectable 128fs, 256fs, or 512fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com