Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 52 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 52 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 48Page - Semtech Corporation GS1671 Datasheet HTML 49Page - Semtech Corporation GS1671 Datasheet HTML 50Page - Semtech Corporation GS1671 Datasheet HTML 51Page - Semtech Corporation GS1671 Datasheet HTML 52Page - Semtech Corporation GS1671 Datasheet HTML 53Page - Semtech Corporation GS1671 Datasheet HTML 54Page - Semtech Corporation GS1671 Datasheet HTML 55Page - Semtech Corporation GS1671 Datasheet HTML 56Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
52 of 130
One set of flags is provided for both fields 1 and 2. The field 1 flag data is overwritten by
the field 2 flag data.
When EDH packets are not detected, the UES flags in the EDH_FLAG_OUT register are
set HIGH to signify that the received signal does not support Error Detection and
Handling. In addition, the EDH_DETECT bit is set LOW. These flags are set regardless of
the setting of the EDH_FLAG_UPDATE_MASK bit.
EDH_FLAG_OUT and EDH_FLAG_IN may be read via the host interface at any time
during the received frame except on the lines defined in SMPTE RP165, when these flags
are updated.
The GS1671 indicates the CRC validity for both active picture and full field CRCs. The
AP_CRC_V bit in the host interface indicates the active picture CRC validity, and the
FF_CRC_V bit indicates the full field CRC validity. When EDH_DETECT = LOW, these
bits are cleared.
The EDH_FLAG_OUT and EDH_FLAG_IN register values remain set until overwritten by
the decoded flags in the next received EDH packet. When an EDH packet is not detected
during vertical blanking, the flag registers are cleared at the end of the vertical blanking
period.
4.15 Video Signal Error Detection & Indication
The GS1671 includes a number of video signal error detection functions. These are
provided to enhance operation of the device when operating in SMPTE mode
(SMPTE_BYPASS = HIGH). These features are not available in the other operating modes
of the device (i.e. when SMPTE_BYPASS = LOW).
Signal errors that can be detected include:
1. TRS errors.
2. HD line based CRC errors.
3. EDH errors.
4. HD line number errors.
5. Video standard errors.
The device maintains an ERROR_STAT_X register. Each error condition has a specific
flag in the ERROR_STAT_X register, which is set HIGH whenever an error condition is
detected.
An ERROR_MASK register is also provided, allowing the user to select which error
conditions are reported. Each bit of the ERROR_MASK register corresponds to a unique
error type.
Separate SD_AUDIO_ERROR_MASK and HD_AUDIO_ERROR_MASK registers for SD
and HD audio cores are also provided, allowing select error conditions to be reported.
Each bit of each ERROR_MASK register corresponds to a unique error type.
By default (at power up or after system reset), all bits of the ERROR_MASK registers are
zero, enabling all errors to be reported. Individual error detection may be disabled by
setting the corresponding bit HIGH in the mask registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com