Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 113 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 113 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 109Page - Semtech Corporation GS1671 Datasheet HTML 110Page - Semtech Corporation GS1671 Datasheet HTML 111Page - Semtech Corporation GS1671 Datasheet HTML 112Page - Semtech Corporation GS1671 Datasheet HTML 113Page - Semtech Corporation GS1671 Datasheet HTML 114Page - Semtech Corporation GS1671 Datasheet HTML 115Page - Semtech Corporation GS1671 Datasheet HTML 116Page - Semtech Corporation GS1671 Datasheet HTML 117Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
113 of 130
221h
RATEA
RSVD
15-4
Reserved.
R/W
0
RATEA
3-1
Primary group sampling frequency
for channels 1 and 2.
R0
ASXA
0
Primary group asynchronous mode
for channels 1 and 2.
R0
222h
ACTA
RSVD
15-4
Reserved.
R/W
0
ACTA
3-0
Primary group active channels.
R
0
223h
PRIM_AUD
_DELAY_1
RSVD
15-9
Reserved.
R/W
0
DEL1_2A_1
8-1
Primary Audio group delay data for
channels 1 and 2 [7:0].
R0
EBIT1_2A
0
Primary Audio group delay data
valid flag for channels 1 and 2.
R0
224h
PRIM_AUD
_DELAY_2
RSVD
15-9
Reserved.
R/W
0
DEL1_2A_2
8-0
Primary Audio group delay data for
channels 1 and 2 [16:8].
R0
225h
PRIM_AUD
_DELAY_3
RSVD
15-9
Reserved.
R/W
0
DEL1_2A_3
8-0
Primary Audio group delay data for
channels 1 and 2 [25:17].
R0
226h
PRIM_AUD
_DELAY_4
RSVD
15-9
Reserved.
R/W
0
DEL3_4A_4
8-1
Primary Audio group delay data for
channels 3 and 4 [7:0].
R0
EBIT3_4A
0
Primary Audio group delay data
valid flag for channels 3 and 4.
R0
227h
PRIM_AUD
_DELAY_5
RSVD
15-9
Reserved.
R/W
0
DEL3_4A_5
8-0
Primary Audio group delay data for
channels 3 and 4 [16:8].
R0
228h
PRIM_AUD
_DELAY_6
RSVD
15-9
Reserved.
R/W
0
DEL3_4A_6
8-0
Primary Audio group delay data for
channels 3 and 4 [25:17].
R0
229h -
22Fh
RSVD
RSVD
−
Reserved.
R/W
0
230h
AFNB
RSVD
15-9
Reserved.
R/W
0
AFNB
8-0
Secondary group audio frame
number.
R0
231h
RATEB
RSVD
15-4
Reserved.
R/W
0
RATEB
3-1
Secondary group sampling
frequency for channels 1 and 2.
R0
ASXB
0
Secondary group asynchronous
mode for channels 1 and 2.
R0
Table 4-30: HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com