Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 197 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 197 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 193Page - Zilog, Inc. Z80 Datasheet HTML 194Page - Zilog, Inc. Z80 Datasheet HTML 195Page - Zilog, Inc. Z80 Datasheet HTML 196Page - Zilog, Inc. Z80 Datasheet HTML 197Page - Zilog, Inc. Z80 Datasheet HTML 198Page - Zilog, Inc. Z80 Datasheet HTML 199Page - Zilog, Inc. Z80 Datasheet HTML 200Page - Zilog, Inc. Z80 Datasheet HTML 201Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

The 2-bit mode control register is loaded by the CPU to select the desired
operating mode (byte output, byte input, byte bidirectional bus, or bit
control mode). All data transfer between the peripheral device and the
CPU is achieved through the data input and data output registers. Data
may be written into the output register by the CPU or read back to the
CPU from the input register at any time. The handshake lines associated
with each port are used to control the data transfer between the PIO and
the peripheral device.
Figure 1.
PIO Block Diagram
+5V GND
Φ
CPU
Interface
8
6
Data Bus
PIO Control
Lines
Internal Bus
Interrupt Control Lines
Internal Control
Interrupt Control
Data or Control
Handshake
8
8
Data or Control
Handshake
Peripheral
Interface
Port
A
I/O
Port
B
I/O
3
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com