Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 200 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 200 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 196Page - Zilog, Inc. Z80 Datasheet HTML 197Page - Zilog, Inc. Z80 Datasheet HTML 198Page - Zilog, Inc. Z80 Datasheet HTML 199Page - Zilog, Inc. Z80 Datasheet HTML 200Page - Zilog, Inc. Z80 Datasheet HTML 201Page - Zilog, Inc. Z80 Datasheet HTML 202Page - Zilog, Inc. Z80 Datasheet HTML 203Page - Zilog, Inc. Z80 Datasheet HTML 204Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

PIN DESCRIPTION
Figure 3 illustrates a diagram of the Z80 PIO pin configuration. This
section describes the function of each pin.
D7-D0
Z80 CPU Data Bus (bidirectional, tristate). This bus is used to transfer all
data and commands between the Z80 CPU and the Z80 PIO. D0 is the
least-significant bit of the bus.
B/A Sel
Port B or A Select (input, active High). This pin defines which port is
accessed during a data transfer between the Z80 CPU and the Z80 PIO. A
Low level on this pin selects Port A while a High level selects Port B.
Often, Address bit A0 from the CPU is used for this selection function.
C/D Sel
Control or Data Select (input, active High). This pin defines the type of
data transfer to be performed between the CPU and the PIO. A High level
on this pin during a CPU write to the PIO causes the Z80 data bus to be
interpreted as a command for the port selected by the B/A Select line. A
Lowlevel on this pinmeansthatthe Z80 data bus is beingusedtotransfer
data between the CPU and the PIO. Often, Address bit Al from the CPU is
used for this function.
CE
Chip Enable (input, active Low). A Low level on this pin enables the PIO to
accept command or data inputs from the CPU during a write cycle or to
transmit data to the CPU during a read cycle. This signal is generally a decode
of four I/O port numbers that encompass Ports A and B, data, and control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com