Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 198 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 198 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 194Page - Zilog, Inc. Z80 Datasheet HTML 195Page - Zilog, Inc. Z80 Datasheet HTML 196Page - Zilog, Inc. Z80 Datasheet HTML 197Page - Zilog, Inc. Z80 Datasheet HTML 198Page - Zilog, Inc. Z80 Datasheet HTML 199Page - Zilog, Inc. Z80 Datasheet HTML 200Page - Zilog, Inc. Z80 Datasheet HTML 201Page - Zilog, Inc. Z80 Datasheet HTML 202Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

Figure 2.
Port I/O Block Diagram
Use the 8-bit mask register and the 8-bit input/output select register only
in the Bit Control mode. In this mode, any of the eight peripheral data or
control bus pins can be programmed to be an input or an output as speci-
fied by the select register. The mask register is used in this mode in
conjunction with a special interrupt feature. This feature allows an inter-
rupt to be generated when any or all of the unmasked pins reach a speci-
fied state (either High or Low).
The 2-bit mask control register specifies the active state desired (High or
Low) and if the interrupt should be generated when all unmasked pins are
active (AND condition) or when any unmasked pin is active (OR condi-
tion). This feature reduces the requirement for CPU status checking of the
peripheral by allowing an interrupt to be automatically generated on
specific peripheral status conditions. For example, in a system with three
alarm conditions, an interrupt may be generated if any one occurs or if all
three occur.
Handshake
Lines
Ready
Strobe
Interrupt
Requests
Mask
Control
(2 Bits)
Reg
Data Output Reg
Mode Control Reg
(2 Bits)
Output Enable
8-Bit Peripheral Data
Internal Bus
Input Data
Handshake Control Logic
(2 Bits)
Input/Output Select Reg
(8 Bits)
or Control Bus
(8 Bits)
Data Input
(8 Bits)
Mask
Reg
(8 Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com