Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 204 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 204 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 200Page - Zilog, Inc. Z80 Datasheet HTML 201Page - Zilog, Inc. Z80 Datasheet HTML 202Page - Zilog, Inc. Z80 Datasheet HTML 203Page - Zilog, Inc. Z80 Datasheet HTML 204Page - Zilog, Inc. Z80 Datasheet HTML 205Page - Zilog, Inc. Z80 Datasheet HTML 206Page - Zilog, Inc. Z80 Datasheet HTML 207Page - Zilog, Inc. Z80 Datasheet HTML 208Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

BRDY
Register B Ready (output, active High). The meaning of this signal is
similar tothatof A Readywiththe followingexception:Inthe Port Abidi-
rectional mode, this signal is High when the Port A input register is empty
and ready to accept data from the peripheral device.
Figure 3.
PIO Pin Functions
Z80–PIO
Port A
I/O
A0
A1
A2
A3
A4
A5
A6
A7
ARDY
ASTB
B0
B1
B2
B3
B4
B5
B7
BRDY
BSTB
B6
15
14
13
12
10
9
8
7
18
16
31
32
33
34
21
17
27
28
29
30
Port B
I/O
CPU
Data
D0
D1
A2
D3
D4
D5
D6
D7
Port B/A SEL
Control/Data SEL
Chip Enable
M1
IORQ
RD
+5V
Φ
INT
GND
19
20
1
40
39
38
3
2
6
5
26
11
25
23
4
37
36
35
INT Enable in
24
INT Enable out
22
BUS
PIO
Control
Interrupt
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com