Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 253 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 253 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 249Page - Zilog, Inc. Z80 Datasheet HTML 250Page - Zilog, Inc. Z80 Datasheet HTML 251Page - Zilog, Inc. Z80 Datasheet HTML 252Page - Zilog, Inc. Z80 Datasheet HTML 253Page - Zilog, Inc. Z80 Datasheet HTML 254Page - Zilog, Inc. Z80 Datasheet HTML 255Page - Zilog, Inc. Z80 Datasheet HTML 256Page - Zilog, Inc. Z80 Datasheet HTML 257Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
233
WR5 DTR
00 = Tx 5 Bits (or less)/
Char
10 = Tx 6 Bits/Char
01 = Tx 7 Bits/Char
11 = Tx8Bits/Char
Send
Break
Tx
Enable
0RTS
0
Table 4. Asynchronous Mode
Function
Typical Program Steps
Comments
Register: Information loaded:
Initialize WR0
Channel Reset
Reset SIO
WR0
Pointer 2
WR2
Interrupt Vector
Channel B Only
WR0
Pointer 4, Reset External/Status Interrupt
WR4
Asynchronous mode, Parity information, Stop
Bits information, Clock Rate information
Issue Parameters
WR0
Pointer 3
WR3
Receive Enable, Auto Enables, Receive
Character Length
WR0
Pointer 5
Table 3. Contents of Write Registers 3, 4, and 5 in Asynchronous Modes (Continued)
Bit 7
Bit 6
Bit 5
Bit 4 Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com