Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 254 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 254 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 250Page - Zilog, Inc. Z80 Datasheet HTML 251Page - Zilog, Inc. Z80 Datasheet HTML 252Page - Zilog, Inc. Z80 Datasheet HTML 253Page - Zilog, Inc. Z80 Datasheet HTML 254Page - Zilog, Inc. Z80 Datasheet HTML 255Page - Zilog, Inc. Z80 Datasheet HTML 256Page - Zilog, Inc. Z80 Datasheet HTML 257Page - Zilog, Inc. Z80 Datasheet HTML 258Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
234
WR5
Request to send, transmit enable, transmit
character length, data terminal ready
Receive and Transmit both
fully initialized. Auto Enables
enables transmitter if CTS is
active and receiver if DCD is
active
WR0
Pointer 1, Reset External/Status Interrupt
WR1
Transmit Interrupt Enable, Status Affects
Vector,
Interrupt on all Receive characters. Disable
Wait/Ready function, External Interrupt Enable
Transmit/receive Interrupt
Mode Selected.
External Interrupt monitors the
status of the CTS,DCD,and
SYNC inputs and detects the
Break sequence. Status affects
Vector In Channel B only. This
data byte must be transferred or
no transmit interrupts occur.
Transfer first data byte to SIO
Idle Mode
Execute Halt Instruction or other program
Program is waiting for an
interrupt from the SIO
Data transfer and
error monitoring
Z80 Interrupt Acknowledge cycle transfers
RR2 to CPU
When the interrupt occurs, the
interrupt vector is modified by:
1) Receive character available;
2) Transmit buffer empty;
3) External/status change; and
4) Special receive condition.
If a character is received:
• Transfer data character to CPU
• Update pointers and parameters
• Return from Interrupt
If transmitter buffer is empty:
Program control is transferred
to one of the eight Interrupt
Service routines.
• Transfer data character to SIO
• Update pointers and parameters
• Return from interrupt
Table 4. Asynchronous Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com