Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 255 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 255 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 251Page - Zilog, Inc. Z80 Datasheet HTML 252Page - Zilog, Inc. Z80 Datasheet HTML 253Page - Zilog, Inc. Z80 Datasheet HTML 254Page - Zilog, Inc. Z80 Datasheet HTML 255Page - Zilog, Inc. Z80 Datasheet HTML 256Page - Zilog, Inc. Z80 Datasheet HTML 257Page - Zilog, Inc. Z80 Datasheet HTML 258Page - Zilog, Inc. Z80 Datasheet HTML 259Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
235
Asynchronous Receive
An Asynchronous Receive operation begins when the Receive Enable bit is
set. If the Auto Enables option is selected, DCD must be Low. A Low
(spacing) condition on the Receive Data input (RxD) indicates a start bit. If
this Low persists for at least one-half of a bit time, the start bit is assumed to
be valid and the data input is then sampled at mid-bit time until the entire
character is assembled. This method of detecting a start bit improves error
rejection when noise spikes exist on an otherwise marking line.
If the x1 clock mode is selected, bit synchronization must be accom-
plished externally. Receive data is sampled on the rising edge of RxC.
The receiver inserts 1s when a character length of other than eight bits is
If External Status changes:
If used with processors other
than the Z80, the modified
interrupt vector (RR2) should
be returned to the CPU in the
interrupt acknowledge
sequence.
• Transfer RRD to CPU
• Perform Error routines (include Break
detection)
• Return from Interrupt
If special receive condition occurs:
• Transfer RR1toCPU
• D6 Special Error (such as framing error)
routine
• Return from Interrupt
Termination
Redefine Receive/Transmit Interrupt modes
Disable Transmit/Receive modes
When Transmit or Receive
Data transfer is complete.
Update modem control outputs (such as RTS
off)
In Transmit, the all sent status
bit indicates transmission is
complete.
Table 4. Asynchronous Mode (Continued)
Function
Typical Program Steps
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com