Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 106 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 106 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 102Page - Cirrus Logic CS8900A Datasheet HTML 103Page - Cirrus Logic CS8900A Datasheet HTML 104Page - Cirrus Logic CS8900A Datasheet HTML 105Page - Cirrus Logic CS8900A Datasheet HTML 106Page - Cirrus Logic CS8900A Datasheet HTML 107Page - Cirrus Logic CS8900A Datasheet HTML 108Page - Cirrus Logic CS8900A Datasheet HTML 109Page - Cirrus Logic CS8900A Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 128 page
background image
106
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
6.0 TEST MODES
6.0.1 Loopback & Collision Diagnostic Tests
Internal and external Loopback and Collision tests
can be used to verify the CS8900A’s functionality
when configured for either 10BASE-T or AUI op-
eration.
6.0.2 Internal Tests
Internal tests allow the major digital functions to be
tested, independent of the analog functions. During
these tests, the Manchester encoder is connected to
the decoder. All digital circuits are operational, and
the transmitter and receiver are disabled.
6.0.3 External Tests
External test modes allow the complete chip to be
tested without connecting it directly to an Ethernet
network.
6.0.4 Loopback Tests
During Loopback tests, the internal Carrier Sense
(CRS) signal, used to detect collisions, is ignored,
allowing packet reception during packet transmis-
sion.
6.0.5 10BASE-T Loopback and Collision Tests
10BASE-T Loopback and Collision Tests are con-
trolled by two bits in the Test Control register:
FDX (Register 19, TestCTL, Bit E) and ENDE-
Cloop (Register 19, TestCTL, Bit 9). Table 36 de-
scribes these tests.
6.0.6 AUI Loopback and Collision Tests
AUI Loopback and Collision tests are controlled by
two bits in the Test Control register: AUIloop
(Register 19, TestCTL, Bit A) and ENDECloop
(Register 19, TestCTL, Bit 9). Table 37 describes
these tests.
Test Mode
FDX
ENDECloop
Description of Test
10BASE-T Inter-
nal Loopback
1
1
Transmit a frame and verify that the frame is received without
error.
10BASE-T Inter-
nal Collision
0
1
Transmit frames and verify that collisions are detected and
that the internal counters function properly. After 16 collli-
sions, verify that 16coll (Register 8, TxEvent, Bit F) is set.
10BASE-T
External Loop-
back
1
0
Connect TXD+ to RXD+ and TXD- to RXD-. Transmit a frame
and verify that the frame is received without error.
10BASE-T
External Collision
0
0
Connect TXD+ to RXD+ and TXD- to RXD-. Transmit frames
and verify that collisions are detected and that internal
counters function properly. After 16 collisions, verify that
16coll (Register 8, TxEvent, Bit F) is set.
Table 36. 10BASE-T Loopback and Collision Tests
Test Mode
AUIloop ENDECloop
Description of Test
AUI Internal
Loopback
1
1
Transmit a frame and verify that the frame is received without error.
AUI External
Loopback
1
0
Connect DO+ to DI+ and DO- to DI-. Transmit a frame and verify
that the frame is received without error (since there is no collision
signal, an SQE error will occur).
AUI Collision
0
0
Start transmission and observe DO+/DO- activity. Input a 10 MHz
sine wave to Cl+/Cl- pins and observe collisions.
Table 37. AUI Loopback and Collision Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com