Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 108 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 108 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 104Page - Cirrus Logic CS8900A Datasheet HTML 105Page - Cirrus Logic CS8900A Datasheet HTML 106Page - Cirrus Logic CS8900A Datasheet HTML 107Page - Cirrus Logic CS8900A Datasheet HTML 108Page - Cirrus Logic CS8900A Datasheet HTML 109Page - Cirrus Logic CS8900A Datasheet HTML 110Page - Cirrus Logic CS8900A Datasheet HTML 111Page - Cirrus Logic CS8900A Datasheet HTML 112Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
108
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
The input pins not included in this test are:
After the Input Cycle is complete, one more cycle
of AEN returns all digital output pins and bi-direc-
tional pins to a high-impedance state.
6.1.3 Continuity Cycle
The combination of a complete Output Cycle, a
complete Input Cycle, and an additional AEN cycle
is called a Continuity Cycle. Each Continuity Cycle
lasts for 85 AEN clock cycles. The first Continuity
Cycle can be followed by additional Continuity
Cycles by keeping TEST low and continuing to cy-
cle AEN. When TEST is driven high, the CS8900A
exits Boundary Scan mode and AEN is again used
as the ISA-bus Address Enable.
Figure 32 shows a complete Boundary Scan Conti-
nuity Cycle.
Figure 33 shows Boundary Scan timing.
Pin Name
Pin #
Pin Name
Pin #
AEN
63
Cl-
82
TEST
76
RXD+
91
Dl+
79
RXD-
92
Dl-
80
XTAL1
97
Cl+
81
Table 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com